Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWRA370 Datasheet(PDF) 17 Page - Texas Instruments

Part # SWRA370
Description  Basic RF Testing of CCxxxx Devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWRA370 Datasheet(HTML) 17 Page - Texas Instruments

Back Button SWRA370 Datasheet HTML 13Page - Texas Instruments SWRA370 Datasheet HTML 14Page - Texas Instruments SWRA370 Datasheet HTML 15Page - Texas Instruments SWRA370 Datasheet HTML 16Page - Texas Instruments SWRA370 Datasheet HTML 17Page - Texas Instruments SWRA370 Datasheet HTML 18Page - Texas Instruments SWRA370 Datasheet HTML 19Page - Texas Instruments SWRA370 Datasheet HTML 20Page - Texas Instruments SWRA370 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
PC with SmartRF Studio
installed
SmartRF Eval Board
and Eval Module
SmartRF Eval Board
and Eval Module
TX
RX
Shielded Box
Variable
Attenuator
www.ti.com
Receive Testing Without LabVIEW
6
Receive Testing Without LabVIEW
Refer to Table 11 for a summary of the various receiver tests to be performed without using LabVIEW.
Table 11. Receive Test (without LabVIEW) Summary
Section
No
Item
Result
6.1
Receiver Sensitivity
6.2
Interference Testing
6.3
Interference Testing with Signal Generator
6.1
Receiver Sensitivity
CAUTION
One issue to remember with the configuration described here is that RF power
can reach the receiver outside the path through the coaxial cable and
attenuators. This issue is of greater concern if the two boards are placed very
close together and the receiver is operated with very good sensitivity (that is,
low data rate and receiver bandwidth). This problem is observed if the receiver
can decode packets even with very high attenuation, and it is not possible to
find the sensitivity threshold correctly. To avoid this problem, one of the boards
should be placed in a shielded box where the shield is grounded, and the only
opening in the box is a small hole for cables to exit. This configuration reduces
radiation to a minimum.
Purpose: To verify that the receiver sensitivity conforms to performance standards.
Pass Condition: See respective standards document for specifications and pass conditions.
Test Environment: Figure 11 illustrates the test setup for receiver sensitivity.
Figure 11. Receiver Sensitivity Test Setup
17
SWRA370
– August 2011
Basic RF Testing of CCxxxx Devices
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com