Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWRA370 Datasheet(PDF) 6 Page - Texas Instruments

Part # SWRA370
Description  Basic RF Testing of CCxxxx Devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWRA370 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SWRA370 Datasheet HTML 2Page - Texas Instruments SWRA370 Datasheet HTML 3Page - Texas Instruments SWRA370 Datasheet HTML 4Page - Texas Instruments SWRA370 Datasheet HTML 5Page - Texas Instruments SWRA370 Datasheet HTML 6Page - Texas Instruments SWRA370 Datasheet HTML 7Page - Texas Instruments SWRA370 Datasheet HTML 8Page - Texas Instruments SWRA370 Datasheet HTML 9Page - Texas Instruments SWRA370 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Standards and System Requirements
www.ti.com
system, and for finding optimized external component values. SmartRF Studio can be used either as a
standalone application or together with some evaluation boards that are shipped in RF IC development
kits.
•
Network analyzer (vector network analyzer): This tool is an instrument that measures the network
parameters of electrical networks. Contemporary network analyzers usually measure s- parameters
because reflection and transmission of electrical networks are easy to measure at high frequencies,
but there are other network parameter sets such as y-parameters, z-parameters, and h-parameters.
Network analyzers are often used to characterize two-port networks such as amplifiers and filters; they
can also be used on networks with an arbitrary number of ports. It is useful to have one network
analyzer available.
•
Oscilloscope: This electronic test instrument allows users to observe constantly varying signal
voltages, usually as a two-dimensional graph of one or more electrical potential differences with a
vertical or Y axis, plotted as a function of time (horizontal or x axis). Although an oscilloscope displays
voltage on the vertical axis, any other quantity that can be converted to a voltage can be displayed as
well. In most instances, oscilloscopes show events that repeat with either no change or that change
slowly. Having an oscilloscope is useful for a test system.
The more equipment one has in the test configuration, the greater need there is to automate the various
testing processes. For an elaborate setup, then, one should use a platform such as LabVIEW and write
specific application routines to enable the different test equipment to interface together.
Keep in mind that the capabilities of the available equipment used in a given test system will likely limit the
types of testing that can be performed.
2.3.1
System Setup
This document describes two types of test system configurations: without LabVIEW and with LabVIEW.
This section briefly describes each configuration.
2.3.1.1
Manual Test Systems (Without LabVIEW)
Systems not using LabVIEW use the following test equipment and resources:
1. CCxxxx Evaluation Module
2. SmartRF Evaluation Board (one)
3. Male to Male SMA RF cable
4. Variable attenuators (two)
5. PC with SmartRF Studio software installed
6. RF coupler (combiner)
7. RF signal generator (two)
8. Signal analyzer
2.3.1.2
Automatic Test Systems (Using LabVIEW)
Systems using LabVIEW use the following test equipment and resources:
1. CCxxxx Evaluation Module
2. SmartRF Evaluation Board (one)
3. Male to Male SMA RF cable
4. Signal analyzer
5. PC with SmartRF Studio and LabVIEW software installed
6. RF coupler (combiner)
7. RF signal generator (two)
6
Basic RF Testing of CCxxxx Devices
SWRA370
– August 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com