Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWRA370 Datasheet(PDF) 14 Page - Texas Instruments

Part # SWRA370
Description  Basic RF Testing of CCxxxx Devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWRA370 Datasheet(HTML) 14 Page - Texas Instruments

Back Button SWRA370 Datasheet HTML 10Page - Texas Instruments SWRA370 Datasheet HTML 11Page - Texas Instruments SWRA370 Datasheet HTML 12Page - Texas Instruments SWRA370 Datasheet HTML 13Page - Texas Instruments SWRA370 Datasheet HTML 14Page - Texas Instruments SWRA370 Datasheet HTML 15Page - Texas Instruments SWRA370 Datasheet HTML 16Page - Texas Instruments SWRA370 Datasheet HTML 17Page - Texas Instruments SWRA370 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Q
I
Error
Vector
Magnitude Error
(IQ Error Magnitude)
Measured
Signal
Ideal (Reference)
Signal
Phase Error
(IQ Error Phase)
f
Q
I
Error
Vector
Range of
Worst-Case
Error
Ideal
Constellation
Point
Measured
Point
PC with SmartRF Studio installed
SmartRF Eval Board
and Eval Module
Spectrum Analyzer
Transmission Tests
www.ti.com
5.3
Error Vector Magnitude
Purpose: Transmission modulation accuracy is measured using error vector magnitude (EVM). EVM, as
illustrated in Figure 6 and Figure 7, is the magnitude of the phase difference as a function of time between
an ideal reference signal and the measured transmitted signal.
Figure 6. Error Vector Magnitude
Figure 7. EVM and Related Quantities
Pass Condition: See the respective standards document for specifications and pass conditions.
Test Environment: Figure 8 illustrates the setup for the EVM test.
Figure 8. Error Vector Magnitude Test Setup
Procedure:
Step 1.
Connect the instruments and test board as shown in Figure 8.
Step 2.
Set the EM to continuous TX mode with random modulated data through SmartRF Studio.
Step 3.
Measure EVM with the spectrum analyzer after setting up the instrument by following the
steps described in the tool user manual. (See Appendix A for more information.)
Example: EVM measurements on ZigBee signals using a Rohde
& Schwarz FSQ can be set up
following the instructions in Ref. 2.
Table 8. Error Vector Magnitude Test Results
Design Specification
EVM (%) at ____ kbp/s
(%)
Pass/Fail?
Freq 1 (MHz)
Freq 2 (MHz)
Freq 3 (MHz)
xx
xx
Test Results:
14
Basic RF Testing of CCxxxx Devices
SWRA370
– August 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com