Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWRA370 Datasheet(PDF) 28 Page - Texas Instruments

Part # SWRA370
Description  Basic RF Testing of CCxxxx Devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWRA370 Datasheet(HTML) 28 Page - Texas Instruments

Back Button SWRA370 Datasheet HTML 24Page - Texas Instruments SWRA370 Datasheet HTML 25Page - Texas Instruments SWRA370 Datasheet HTML 26Page - Texas Instruments SWRA370 Datasheet HTML 27Page - Texas Instruments SWRA370 Datasheet HTML 28Page - Texas Instruments SWRA370 Datasheet HTML 29Page - Texas Instruments SWRA370 Datasheet HTML 30Page - Texas Instruments SWRA370 Datasheet HTML 31Page - Texas Instruments SWRA370 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
PC with LabView
installed
SmartRF Eval Board
and Eval Module
RF Generator
RF Out
Ext 1 In
GPIB
Receive Testing with LabVIEW
www.ti.com
7.4
Energy Detection/RSSI
Purpose: To verify that the energy detection conforms to the published data sheet specifications.
Pass Condition: The mapping from the received power in decibels to energy detection value must be
linear, with a stated accuracy given in the standard.
Test Environment: Figure 18 illustrates the energy detection test setup.
Figure 18. Energy Detection/RSSI Test Setup for LabVIEW
Procedure:
Step 1.
Connect the instruments and test board as shown in Figure 18.
Step 2.
Set the EM in Packet RX mode through SmartRF Studio.
Step 3.
Using LabVIEW, send 1000 packets at a specified data rate from the RF generator and set
the generator signal power.
Step 4.
Read the RSSI value from the SmartRF Studio software interface. This value should correlate
to the sent signal strength.
Table 22. Energy Detection/RSSI with LabVIEW Test Results
Design Specification
Power Detection (dB) | Signal Strength = ____ (dBm)
(dBm)
Pass/Fail?
Freq 1 (MHz)
Freq 2 (MHz)
Freq 3 (MHz)
xx
xx
Test Results:
28
Basic RF Testing of CCxxxx Devices
SWRA370
– August 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com