Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-US-R0603 Datasheet(PDF) 17 Page - Texas Instruments

Part # R-US-R0603
Description  MSP-EXP430F5529 Experimenter Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

R-US-R0603 Datasheet(HTML) 17 Page - Texas Instruments

Back Button R-US-R0603 Datasheet HTML 13Page - Texas Instruments R-US-R0603 Datasheet HTML 14Page - Texas Instruments R-US-R0603 Datasheet HTML 15Page - Texas Instruments R-US-R0603 Datasheet HTML 16Page - Texas Instruments R-US-R0603 Datasheet HTML 17Page - Texas Instruments R-US-R0603 Datasheet HTML 18Page - Texas Instruments R-US-R0603 Datasheet HTML 19Page - Texas Instruments R-US-R0603 Datasheet HTML 20Page - Texas Instruments R-US-R0603 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
www.ti.com
MSP-EXP430F5529 Hardware
4
MSP-EXP430F5529 Hardware
4.1
Hardware Overview
Figure 5 and Figure 6 show the functional blocks and connections of the MSP-EXP430F5529
Experimenter Board. The area of the PCB labeled as "eZ430-FET Emulator" and bordered by a thick
broken line on the PCB silk screen is an integrated TI Flash Emulation Tool (FET) which is connected to
the Experimenter Board by the jumpers on JP16. This module is similar to any eZ430 emulator, and
provides real-time in-system Spy-Bi-Wire programming and debugging via a USB connection to a PC.
Using the eZ430-FET Emulator module eliminates the need for using an external MSP430 Flash
Emulation Tool (MSP-FET430UIF). However, full speed 4-wire JTAG communication is only possible with
a MSP-FET430UIF connected to the "5529 JTAG" header. For additional details on the installation and
usage of the Flash Emulation Tool, Spy-Bi-Wire and JTAG, see the MSP430 Hardware Tools User's
Guide (SLAU278).
Figure 5. Simple Hardware Overview
17
SLAU330A
– May 2011 – Revised June 2011
MSP-EXP430F5529 Experimenter Board
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com