Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-US-R0603 Datasheet(PDF) 9 Page - Texas Instruments

Part # R-US-R0603
Description  MSP-EXP430F5529 Experimenter Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

R-US-R0603 Datasheet(HTML) 9 Page - Texas Instruments

Back Button R-US-R0603 Datasheet HTML 5Page - Texas Instruments R-US-R0603 Datasheet HTML 6Page - Texas Instruments R-US-R0603 Datasheet HTML 7Page - Texas Instruments R-US-R0603 Datasheet HTML 8Page - Texas Instruments R-US-R0603 Datasheet HTML 9Page - Texas Instruments R-US-R0603 Datasheet HTML 10Page - Texas Instruments R-US-R0603 Datasheet HTML 11Page - Texas Instruments R-US-R0603 Datasheet HTML 12Page - Texas Instruments R-US-R0603 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
www.ti.com
User Experience Software
2
User Experience Software
2.1
Introduction
The MSP-EXP430F5529 Experimenter Board arrives with a User Experience application installed to
demonstrate a few of the capabilities of the MSP430F5529. Set the power switch to "LDO", and connect
your PC to the "5529 USB" connection as shown in Figure 2. A splash screen displaying the TI logo
should appear on the LCD. Wait approximately three seconds, or press either the S1 or S2 button, to
display the Main Menu. Use the thumb wheel to navigate up and down the menu items on the LCD
screen. Press the S1 pushbutton to enter a selection, or press the S2 pushbutton to cancel.
Figure 2. User Experience Navigation
2.2
Main Menu
The main menu displays a list of applications and settings that demonstrate key features of the
MSP430F5529. Use the thumb wheel on the bottom right of the PCB to scroll up and down through the
menu options. Use the push-buttons to enter and exit menu items. Press S1 to enter a menu item. Press
S2 to return to a previous menu or to cancel an operation. Each application in the main menu is described
in the following sections.
9
SLAU330A
– May 2011 – Revised June 2011
MSP-EXP430F5529 Experimenter Board
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com