Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-US-R0603 Datasheet(PDF) 22 Page - Texas Instruments

Part # R-US-R0603
Description  MSP-EXP430F5529 Experimenter Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

R-US-R0603 Datasheet(HTML) 22 Page - Texas Instruments

Back Button R-US-R0603 Datasheet HTML 18Page - Texas Instruments R-US-R0603 Datasheet HTML 19Page - Texas Instruments R-US-R0603 Datasheet HTML 20Page - Texas Instruments R-US-R0603 Datasheet HTML 21Page - Texas Instruments R-US-R0603 Datasheet HTML 22Page - Texas Instruments R-US-R0603 Datasheet HTML 23Page - Texas Instruments R-US-R0603 Datasheet HTML 24Page - Texas Instruments R-US-R0603 Datasheet HTML 25Page - Texas Instruments R-US-R0603 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
MSP-EXP430F5529 Hardware
www.ti.com
4.4.2
Push Buttons, Potentiometer, and LEDs
Table 2 describes the pin connections for the potentiometer, push-button switches, and the on-board
LEDs.
Table 2. Push Buttons, Potentiometer, and LED
Connections
Peripheral
Pin Connection
Potentiometer Wheel
P8.0
Switch 1 (S1)
P1.7
Switch 2 (S2)
P2.2
RESET Switch (S3)
RST / NMI
LED1
P1.0
LED2
P8.1
LED3
P8.3
Capacitive Touch Pad 1 (Cross)
P1.1
Capacitive Touch Pad 2 (Square)
P1.2
Capacitive Touch Pad 3 (Octagon)
P1.3
Capacitive Touch Pad 4 (Triangle)
P1.4
Capacitive Touch Pad 5 (Circle)
P1.5
4.4.3
Wireless Evaluation Module Interface
Included in the communication peripherals are the headers that support the CC-EM boards from TI. The
transceiver modules connect to the USCI of the MSP430F5529 configured in SPI mode using the UCB0
peripheral. Libraries that interface the MSP430 to these transceivers are available at www.ti.com/msp430
under the Code Examples tab. The RF PWR jumper must be populated to provide power to the EM
daughterboard. The following radio daughter cards are compatible with the MSP-EXP430F5529
Experimenter Board:
•
CC1100EMK/CC1101EMK
– Sub-1-GHz radio
•
CC2500EMK
– 2.4-GHz radio
•
CC2420EMK/CC2430EMK
– 2.4-GHz 802.15.4 [SoC] radio
•
CC2520EMK/CC2530EMK
– 2.4-GHz 802.15.4 [SoC] radio
•
CC2520 + CC2591 EM (if R4 and R8 0-
Ω resistors are connected)
NOTE:
Future evaluation boards may also be compatible with the header connections.
4.4.4
eZ430-RF2500T Interface
The eZ430-RF2500T module can be attached to the MSP-EXP430F5529 Experimenter Board in one of
two ways
– through an 18-pin connector (J12 – eZ RF) or a 6-pin connector (J13 – eZ RF Target). The
pins on the eZ430-RF2500T headers are multiplexed with the pins on the CC-EM headers, which allows
the EZ430-RF2500T module to behave identically to a CC-EM daughterboard. Power must be provided to
the EZ430-RF2500T module by setting the jumper RF PWR (JP14). The eZ430-RF2500T connection
should always be made with the antenna facing off of the board. For more information on the connections
to the required eZ430-RF2500T, see the eZ430-RF2500 Development Tool User's Guide (SLAU227),
available through www.ti.com/ez430.
22
MSP-EXP430F5529 Experimenter Board
SLAU330A
– May 2011 – Revised June 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com