Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-US-R0603 Datasheet(PDF) 23 Page - Texas Instruments

Part # R-US-R0603
Description  MSP-EXP430F5529 Experimenter Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

R-US-R0603 Datasheet(HTML) 23 Page - Texas Instruments

Back Button R-US-R0603 Datasheet HTML 19Page - Texas Instruments R-US-R0603 Datasheet HTML 20Page - Texas Instruments R-US-R0603 Datasheet HTML 21Page - Texas Instruments R-US-R0603 Datasheet HTML 22Page - Texas Instruments R-US-R0603 Datasheet HTML 23Page - Texas Instruments R-US-R0603 Datasheet HTML 24Page - Texas Instruments R-US-R0603 Datasheet HTML 25Page - Texas Instruments R-US-R0603 Datasheet HTML 26Page - Texas Instruments R-US-R0603 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
www.ti.com
MSP-EXP430F5529 Hardware
4.4.5
Three-Axis Accelerometer
The MSP-EXP430F5529 Experimenter Board includes a VTI digital three-axis accelerometer (part number
CMA3000-D01). The accelerometer supports SPI communication and outputs data for each X, Y and Z
axis. The accelerometer is powered through pin P3.6. This interface, especially in conjunction with other
on-board interfaces such as the LCD, enables several potential applications such as USB mouse
movement emulation and tilt sensing. The example software used the accelerometer for the Tilt Puzzle,
Demo Cube, and USB Mouse. For more information on the accelerometer chip, see the manufacturer's
data sheet (http://www.vti.fi).
4.4.6
Pin Access Headers
The MSP-EXP430F5529 Experimenter Boards includes three headers (J4, J5, and J12) that can be used
as additional connections to external hardware or for signal analysis during firmware development. All pins
except the GND pin are internally selectable as either general purpose input/output pins or as described in
the device datasheet.
Table 3. Pinning Mapping for Header J4
Pin Description
Port Pin
Port Pin
Pin Description
Vcc
VCC
P6.6
CB6 / A6
UCA1RXD / UCA1SOMI
P4.5
P8.1
GPIO
– LED2
UCA1TXD / UCA1SIMO
P4.4
P8.2
GPIO
– LED3
GPIO
P4.6
P8.0
GPIO
– POT
GPIO
P4.7
P4.5
UCA1RXD / UCA1SOMI
A9 / VREF- / VeREF-
P5.1
P4.4
UCA1TXD / UCA1SIMO
GND
GND
P6.7
CB7 / A7
Table 4. Pin Mapping for Header J5
Pin Description
Port Pin
Port Pin
Pin Description
VCC
VCC
P7.0
CB8 / A12
UCB1SOMI / UCB1SCL - SD
P4.2
P7.1
CB9 / A13
UCB1SIMO / UCB1SDA - LCD/SD
P4.1
P7.2
CB10 / A14
UCB1CLK / UCA1STE - LCD/SD
P4.3
P7.3
CB11 / A15
UCB1STE / UCA1CLK - RF
P4.0
P4.1
UCB1SIMO / UCB1SDA - LCD/SD
TB0OUTH / SVMOUT - SD
P3.7
P4.2
UCB1SOMI / UCB1SCL - SD
GND
GND
P7.7
TB0CLK / MCLK
Table 5. Pin Mapping for Header J12
Pin Description
Port Pin
Port Pin
Pin Description
(RF_STE)
P2.6
P3.0
(RF_SIMO)
(RF_SOMI)
P3.1
P3.2
(RF_SPI_CLK)
TA2.0
P2.3
P2.1
TA1.2
TB0.3
P7.5
GND
GND
GPIO
P4.7
P2.4
TA2.1
(RXD)
P4.5
P4.6
GPIO
(TXD)
P4.4
P4.0
UCx1xx
(LED1)
P1.0
P2.0
TA1.1
GND
GND
RF_PWR
RF_PWR
23
SLAU330A
– May 2011 – Revised June 2011
MSP-EXP430F5529 Experimenter Board
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com