Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD3003 Datasheet(PDF) 12 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 12 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 8Page - Sony Corporation CXD3003 Datasheet HTML 9Page - Sony Corporation CXD3003 Datasheet HTML 10Page - Sony Corporation CXD3003 Datasheet HTML 11Page - Sony Corporation CXD3003 Datasheet HTML 12Page - Sony Corporation CXD3003 Datasheet HTML 13Page - Sony Corporation CXD3003 Datasheet HTML 14Page - Sony Corporation CXD3003 Datasheet HTML 15Page - Sony Corporation CXD3003 Datasheet HTML 16Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 137 page
background image
– 12 –
CXD3003R
(4) COUT, MIRR and DFCT pins
Operating frequency
(VDD = AVDD = 3.3V ±10%, VSS = AVSS = 0V, Topr = –20 to +75°C)
COUT maximum operating frequency
MIRR maximum operating frequency
DFCT maximum operating frequency
fCOUT
fMIRR
fDFCTH
40
40
5
kHz
kHz
kHz
1
2
3
Item
Symbol Min. Typ. Max.
Unit
Conditions
1 When using a high-speed traverse TZC.
2
When the RF signal continuously satisfies the following conditions during the above traverse.
• A = 0.11VDD to 0.23VDD
≤ 25%
3 During complete RF signal omission.
When settings related to DFCT signal generation are Typ.
(3) SCLK pin
SCLK frequency
SCLK pulse width
Delay time
fSCLK
tSPW
tDLS
31.3
15
16
MHz
ns
µs
Item
Symbol
Min.
Typ.
Max.
Unit
tSPW
tDLS
1/fSCLK
MSB
LSB
•••
•••
XLAT
SCLK
Serial Read Out Data
(SENS)
A
B
B
A + B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com