Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD3003 Datasheet(PDF) 99 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 99 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 95Page - Sony Corporation CXD3003 Datasheet HTML 96Page - Sony Corporation CXD3003 Datasheet HTML 97Page - Sony Corporation CXD3003 Datasheet HTML 98Page - Sony Corporation CXD3003 Datasheet HTML 99Page - Sony Corporation CXD3003 Datasheet HTML 100Page - Sony Corporation CXD3003 Datasheet HTML 101Page - Sony Corporation CXD3003 Datasheet HTML 102Page - Sony Corporation CXD3003 Datasheet HTML 103Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 137 page
background image
– 99 –
CXD3003R
§5-6. AGCNTL (Automatic Gain Control) Function
The AGCNTL function automatically adjusts the filter internal gain in order to obtain the appropriate gain with
the servo loop. AGCNTL not only copes with the sensitivity variation of the actuator and photo diode, etc., but
also obtains the optimal gain for each disc.
The AGCNTL command is sent when each servo is turned on. During AGCNTL operation, if the upper 8 bits of
the command register are 38 (Hex), the completion of AGCNTL operation can be confirmed through the SENS
pin. (See Timing Chart 5-4 and "Description of SENS Signals".)
Setting D9 and D8 of $38 to 1 set FCS (focus) and TRK (tracking) respectively to AGCNTL operation.
Note) During AGCNTL operation, each servo filter gain must be normal, and the anti-shock circuit (described
hereafter) must be disabled.
XLAT
SENS
(= AGOK)
Max. 11.4µs
AGCNTL completion
Timing Chart 5-4.
Coefficient K13 changes for AGF (focus AGCNTL) and coefficients K23 and K07 change for AGT (tracking
AGCNTL) due to AGCNTL.
These coefficients change from 01 to 7F (Hex), and they must also be set within this range when written
externally.
After AGCNTL operation has completed, these coefficient values can be confirmed by reading them out from
the SENS pin with the serial readout function (described hereafter).
AGCNTL related settings
The following settings can be changed with $35, $36 and $37.
FG6 to FG0; AGF convergence gain setting, effective setting range: 00 to 57 (Hex)
TG6 to TG0; AGT convergence gain setting, effective setting range: 00 to 57 (Hex)
AGS;
Self-stop on/off
AGJ;
Convergence completion judgment time
AGGF;
Internally generated sine wave amplitude (AGF)
AGGT;
Internally generated sine wave amplitude (AGT)
AGV1;
AGCNTL sensitivity 1 (during rough adjustment)
AGV2;
AGCNTL sensitivity 2 (during fine adjustment)
AGHS;
Rough adjustment on/off
AGHT;
Fine adjustment time
Note) Converging servo loop gain values can be changed with the FG6 to 0 and TG6 to 0 setting values. In
addition, these setting values must be within the effective setting range. The default settings aim for 0
dB at 1kHz. However, since convergence values vary according to the characteristics of each
constituent element of the servo loop, FG and TG values should be set as necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com