| Electronic Components Datasheet Search |
|
CXD3003 Datasheet(PDF) 120 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
CXD3003 Datasheet(HTML) 120 Page - Sony Corporation |
|
120 / 137 page ![]() – 120 – CXD3003R $3D (preset: $3D 00 00) D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 SFID SFSK THID THSK 0 TLD2 TLD1 TLD0 0 0 0 0 0 0 0 0 SFID: SLED servo filter input can be obtained not from SLD in Reg, but from M0D, which is the TRK filter second-stage output. When the low frequency component of the tracking error signal obtained from the RF amplifier is attenuated, the low frequency can be amplified and input to the SLD servo filter. SFSK: Only during TRK servo gain up2 operation, coefficient K30 is used instead of K00. Normally the DC gain between the TE input pin and M0D changes for TRK filter gain normal and gain up2, and error occurs in the DC level at M0D. In this case, the DC level of the signal transmitted to M00 can be kept uniform by adjusting the K30 value even during the above switching. THID: TRK hold filter input can be obtained not from SLD in Reg, but from M0D, which is the TRK filter second-stage output. When signals other than the tracking error signal from the RF amplifier are input to the SE input pin, the signal transmitted from the TE pin can be obtained as TRK hold filter input. THSK: Only during TRK servo gain up2 operation, coefficient K46 is used instead of K40. Normally the DC gain between the TE input pin and M0D changes for TRK filter gain moral and gain up 2, and error occurs in the DC level at M0D. In this case, the DC level of the signal transmitted to M18 can be kept uniform by adjusting the K46 value even during the above switching. ∗ Please refer to § 5-21. Filter Composition, for further information on SFID, SFSK, THID and THSK commands. TLD0 to 2: SLD filter correction turns on and off independently of the TRK filter. Please refer also to $38 (TLC0 to 2) and Figure 5-3. TLC0 0 1 — 0 1 OFF ON OFF OFF ON ON TLD0 VC level correction TRK filter SLD filter ∗: preset, — : Don't care ∗ TLC1 0 1 — 0 1 OFF ON OFF OFF ON ON TLD1 Tracking zero level correction TRK filter SLD filter ∗ TLC2 0 1 — 0 1 OFF ON OFF OFF ON ON TLD2 Traverse center correction TRK filter SLD filter ∗ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |