Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD3003 Datasheet(PDF) 130 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 130 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 126Page - Sony Corporation CXD3003 Datasheet HTML 127Page - Sony Corporation CXD3003 Datasheet HTML 128Page - Sony Corporation CXD3003 Datasheet HTML 129Page - Sony Corporation CXD3003 Datasheet HTML 130Page - Sony Corporation CXD3003 Datasheet HTML 131Page - Sony Corporation CXD3003 Datasheet HTML 132Page - Sony Corporation CXD3003 Datasheet HTML 133Page - Sony Corporation CXD3003 Datasheet HTML 134Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 137 page
background image
– 130 –
CXD3003R
Anti Shock fs = 88.2kHz
K34
K33
Z–1
Z–1
K31
K16
Z–1
M09
M08
2–7
M0A
K35
Comp
K12
Anti Shock
Reg
2–1
TRK
In Reg
Note) Set the MSB bit of the K34 coefficient to 0.
The comparator input is 1/16 the maximum amplitude of the comparator input.
AVRG fs = 88.2kHz
M08
AVRG Reg
2–1
VC, TE, FE,
RFDC
Z–1
2–7
TRK Hold fs = 345Hz
K44
K43
Z–1
K42
Z–1
K41
K40
M18
2–7
2–7
M19
K45
TRK
Hold Reg
SLD
In Reg
2–1
K46
THSK (only when TGUP2 is used)
THID
M0D
TRK SERVO FILTER
Second-stage output
Note) Set the MSB bit of the K42 and K44 coefficients to 0.
FCS Hold fs = 345Hz
K4C
K4B
Z–1
K4A
Z–1
K49
K48
M10
2–7
2–7
M11
K4D
FCS
Hold Reg 1
FCS
Hold Reg 2
Note) Set the MSB bit of the K4A and K4C coefficients to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com