Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333W Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system Sound Terminal?
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 1 Page - STMicroelectronics

  STA333W Datasheet HTML 1Page - STMicroelectronics STA333W Datasheet HTML 2Page - STMicroelectronics STA333W Datasheet HTML 3Page - STMicroelectronics STA333W Datasheet HTML 4Page - STMicroelectronics STA333W Datasheet HTML 5Page - STMicroelectronics STA333W Datasheet HTML 6Page - STMicroelectronics STA333W Datasheet HTML 7Page - STMicroelectronics STA333W Datasheet HTML 8Page - STMicroelectronics STA333W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
January 2010
Doc ID 13365 Rev 2
1/49
49
STA333W
2-channel high-efficiency digital audio system
Sound Terminal™
Features
Wide supply-voltage range (4.5 V - 20 V)
2 power output configurations
– 2 channels of binary PWM (stereo mode)
– 2 channels of ternary PWM (stereo mode)
PowerSSO-36 with exposed pad down
2 channels of 24-bit DDX®
100-dB SNR and dynamic range
Selectable 32- to 192-kHz input sample rates
I2C control with selectable device address
Digital gain -80 dB to +48 dB in 0.5-dB steps
Software volume update
Individual channel and master gain/attenuation
Individual channel and master software and
hardware mute
Independent channel volume bypass
Automatic zero-detect mute
Automatic invalid input detect mute
2-channel I2S input data Interface
Selectable clock input ratio
Input channel mapping
Automatic volume control for limiting maximum
power
96-kHz internal processing sample rate, 24-bit
precision
Advanced AM interference frequency
switching and noise suppression modes
Thermal-overload and short-circuit protection
embedded
Video application: 576 * fS input mode support
Applications
LCD
DVD
Cradle
Digital speaker
Wireless-speaker cradle
Description
The STA333W is an integrated circuit comprising
digital audio processing, digital amplifier control
and DDX® power output stage to create a high-
power, single-chip DDX® solution for all-digital
amplification with high quality and high efficiency.
The STA333W power section consists of four
independent half-bridges stages. These can be
configured via digital control to operate in different
modes. 2 channels can be provided by two full
bridges, providing up to 20 W + 20 W of power.
Also provided in the STA333W are new advanced
AM radio interference reduction modes. The serial
audio data input interface accepts all possible
formats, including the popular I2S format. Three
channels of DDX® processing are provided.
The STA333W is part of the Sound Terminal™
family that provides full digital audio streaming to
the speaker offering cost effectiveness, low power
dissipation and sound enrichment.
PowerSSO-36 package
with exposed
pad down (EPD)
Table 1.
Device summary
Order code
Package
Packaging
STA333W
PowerSSO-36 EPD
Tube
STA333W13TR
PowerSSO-36 EPD
Tape and reel
www.st.com


Similar Part No. - STA333W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA333W STMICROELECTRONICS-STA333W Datasheet
660Kb / 42P
2-channel high-efficiency digital audio system
25-May-2007
STA333W STMICROELECTRONICS-STA333W Datasheet
761Kb / 50P
2 channel high-efficiency digital audio system Sound Terminal
13-Feb-2014
STA333W13TR STMICROELECTRONICS-STA333W13TR Datasheet
660Kb / 42P
2-channel high-efficiency digital audio system
25-May-2007
STA333W13TR STMICROELECTRONICS-STA333W13TR Datasheet
761Kb / 50P
2 channel high-efficiency digital audio system Sound Terminal
13-Feb-2014
STA333W STMICROELECTRONICS-STA333W_V01 Datasheet
761Kb / 50P
2 channel high-efficiency digital audio system Sound Terminal
13-Feb-2014
More results

Similar Description - STA333W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA333ML STMICROELECTRONICS-STA333ML Datasheet
205Kb / 15P
Sound Terminal TM 2 channel microless high efficiency digital audio system
01-Feb-2007
STA333ML STMICROELECTRONICS-STA333ML_08 Datasheet
181Kb / 14P
Sound TerminaTM 2-channel microless high-efficiency digital audio system
02-May-2008
STA370BWS STMICROELECTRONICS-STA370BWS Datasheet
109Kb / 5P
2.1-channel 40-W high-efficiency digital audio system Sound Terminal?
10-Dec-2009
STA335ML STMICROELECTRONICS-STA335ML Datasheet
1Mb / 20P
2-channel microless high-efficiency digital audio system Sound Terminal®
18-Jul-2011
STA369BW STMICROELECTRONICS-STA369BW Datasheet
2Mb / 88P
Sound Terminal® 2.1-channel high-efficiency digital audio system
21-Jul-2011
STA369BWS STMICROELECTRONICS-STA369BWS Datasheet
2Mb / 89P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
04-Nov-2010
STA381BW STMICROELECTRONICS-STA381BW Datasheet
3Mb / 171P
Sound Terminal® 2.1-channel high-efficiency digital audio system
03-Aug-2012
STA382BW STMICROELECTRONICS-STA382BW Datasheet
3Mb / 172P
Sound Terminal® 2.1-channel high-efficiency digital audio system
04-Apr-2012
STEVAL-CCA030V1 STMICROELECTRONICS-STEVAL-CCA030V1 Datasheet
274Kb / 4P
STA350BW Sound Terminal??2.1-channel high-efficiency digital audio system board
28-May-2012
STA380BW STMICROELECTRONICS-STA380BW Datasheet
5Mb / 162P
Sound Terminal® 2.1-channel high-efficiency digital audio system
15-Apr-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com