Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA540 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA540
Description  4 x 13 W dual/quad power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA540_12 Datasheet HTML 5Page - STMicroelectronics STA540_12 Datasheet HTML 6Page - STMicroelectronics STA540_12 Datasheet HTML 7Page - STMicroelectronics STA540_12 Datasheet HTML 8Page - STMicroelectronics STA540_12 Datasheet HTML 9Page - STMicroelectronics STA540_12 Datasheet HTML 10Page - STMicroelectronics STA540_12 Datasheet HTML 11Page - STMicroelectronics STA540_12 Datasheet HTML 12Page - STMicroelectronics STA540_12 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
STA540
Electrical specifications
Doc ID 13907 Rev 6
9/25
CT
Crosstalk
f = 1 kHz single-ended
f = 10 kHz single-ended
f = 1 kHz BTL
f = 10 kHz BTL
55
70
60
60
dB
Rin
Input impedance
Single-ended BTL
20
10
30
15
k
Ω
Gv
Voltage gain
Single-ended BTL
19
25
20
26
21
27
dB
Gv
Voltage gain match
0.5
dB
EN
Input noise voltage
Rgen = 0, "A" weighted, S.E.:
Non-inverting channels
Inverting channels
2
5
μV
μV
BTL
Rgen = 0, f = 22 Hz to 22 kHz
3.5
μV
SVR
Supply voltage rejection
Rgen = 0, f = 300 Hz,
CSVR = 470 μF
50
dB
ASB
Standby attenuation
Po = 1 W
80
90
dB
ISB
Current consumption in
standby
VST_BY = 0 to 1.5 V
100
μA
VSB
ST-BY IN threshold voltage
1.5
V
ST-BY OUT threshold
voltage
3.5
V
IST-BY
Pin ST-BY current
Play mode, VST-BY = 5 V
50
μA
Max driving current under fault
5
mA
Icd_off
Clipping detector output
average current
d = 1% (*)
90
μA
Icd_on
Clipping detector output
average current
d = 5% (*)
160
μA
VDIAGNO
STICD
Saturation voltage on pin
DIAGNOSTICD
IDIAGNOSTICD = 1 mA sinking
0.7
V
TW
Thermal warning
140
°C
TM
Thermal muting
150
°C
TS
Thermal shutdown
160
°C
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com