Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA540 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA540
Description  4 x 13 W dual/quad power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA540_12 Datasheet HTML 14Page - STMicroelectronics STA540_12 Datasheet HTML 15Page - STMicroelectronics STA540_12 Datasheet HTML 16Page - STMicroelectronics STA540_12 Datasheet HTML 17Page - STMicroelectronics STA540_12 Datasheet HTML 18Page - STMicroelectronics STA540_12 Datasheet HTML 19Page - STMicroelectronics STA540_12 Datasheet HTML 20Page - STMicroelectronics STA540_12 Datasheet HTML 21Page - STMicroelectronics STA540_12 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Practical information
STA540
18/25
Doc ID 13907 Rev 6
6.6
Output stage
The fully complementary output stage is possible with the power ICV PNP component.
This novel design is based on the connection shown in Figure 22 and allows the full
exploitation of its capabilities. The clear advantages this new approach has over classical
output stages are described in the following sections.
6.6.1
Rail-to-rail output voltage swing without bootstrap capacitors
The output swing is limited only by the VCEsat of the output transistors, which are in the
range of 0.3
Ω (Rsat) each.
Classical solutions adopting composite PNP-NPN for the upper output stage have higher
saturation loss on the top side of the waveform.
This unbalanced saturation causes a significant power reduction. The only way to recover
power includes of the addition of expensive bootstrap capacitors.
6.6.2
Absolute stability without external compensation
With reference to the circuit shown in Figure 22, the low frequency gain Vout/Vin is greater
than unity, that is, approximately 1 + R2/R1. The DC output level (VCC / 2) is fixed by an
auxiliary amplifier common to all the channels.
By controlling the amount of this local feedback it is possible to force the loop gain (A*
β) to
less than unity at frequency where the phase shift is 180°. This means that the output buffer
is intrinsically stable and not prone to oscillation.
The above feature has been achieved even though there is very low closed-loop gain of the
amplifier.
This contrasts with the classical PNP-NPN stage which makes use of external RC networks,
namely the Boucherot cells, for reducing the gain at high frequencies.
Figure 22.
The new output stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com