Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA540 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA540
Description  4 x 13 W dual/quad power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA540_12 Datasheet HTML 11Page - STMicroelectronics STA540_12 Datasheet HTML 12Page - STMicroelectronics STA540_12 Datasheet HTML 13Page - STMicroelectronics STA540_12 Datasheet HTML 14Page - STMicroelectronics STA540_12 Datasheet HTML 15Page - STMicroelectronics STA540_12 Datasheet HTML 16Page - STMicroelectronics STA540_12 Datasheet HTML 17Page - STMicroelectronics STA540_12 Datasheet HTML 18Page - STMicroelectronics STA540_12 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
STA540
Thermal information
Doc ID 13907 Rev 6
15/25
5
Thermal information
In order to avoid the intervention of the thermal protection, placed at Tj =150° C for thermal
muting and Tj=160° C for thermal shutdown, it is important to calculate the heatsink thermal
resistance, Rth_HS, correctly.
The parameters that influence the calculation are:
●
maximum dissipated power for the device (Pdmax)
●
maximum thermal resistance junction to case (Rth_j-case)
●
maximum ambient temperature Tamb_max
There is also an additional term that depends on the Iq (quiescent current).
5.1
Heatsink specification examples
5.1.1
Rth_HS calculation for 4 single-ended channels
Given VS = 14.4 V, RL = 4 Ω x 4 channels, Rth_j-case = 1.8° C/W, Tamb_max = 50° C and
Pout = 4 x 7 W then
the maximum power dissipated in the device is:
and the required thermal resistance of the heatsink is:
5.1.2
Rth_HS calculation for 2 single-ended channels plus 1 BTL channel
Given VS = 14.4 V, RL = 2x 2 Ω (SE) + 1x 4 Ω (BTL), Pout = 2 x 12 W + 1 x 26 W then
the maximum power dissipated in the device is:
and the required thermal resistance of the heatsink is:
P
dmax
NChannel
V
CC
2
2
Π
2
R
L
--------------------
4 2.62
10.5W
=
⋅
=
⋅
=
R
th_HS
150
T
amb_max
–
P
dmax
----------------------------------------------
R
th_j-case
150
50
–
10.5
----------------------
1.8
7.7
°C/W
=
–
=
–
=
P
dmax
2
V
CC
2
2
Π
2
R
L
--------------------
2V
CC
2
Π
2
R
L
--------------------
25.25
10.5
21W
=
+
⋅
=
+
⋅
=
R
th_HS
150
T
amb_max
–
P
dmax
----------------------------------------------
R
th_j-case
150
50
–
21
----------------------
1.8
3
°C/W
=
–
=
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com