Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA540 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA540
Description  4 x 13 W dual/quad power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA540_12 Datasheet HTML 16Page - STMicroelectronics STA540_12 Datasheet HTML 17Page - STMicroelectronics STA540_12 Datasheet HTML 18Page - STMicroelectronics STA540_12 Datasheet HTML 19Page - STMicroelectronics STA540_12 Datasheet HTML 20Page - STMicroelectronics STA540_12 Datasheet HTML 21Page - STMicroelectronics STA540_12 Datasheet HTML 22Page - STMicroelectronics STA540_12 Datasheet HTML 23Page - STMicroelectronics STA540_12 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Practical information
STA540
20/25
Doc ID 13907 Rev 6
6.7.3
Clipping detection
Figure 24.
Clipping detection waveforms
Current sinking at pin 10 occurs when a certain distortion level is reached at each output.
This function initiates a gain-compression facility whenever the amplifier is overdriven.
6.7.4
Thermal shutdown
With the thermal shutdown feature, the diagnostics output (pin 10) signals the closeness of
the junction temperature to the shutdown threshold. Typically, current sinking at pin 10 starts
approximately 10° C before the shutdown temperature is reached.
Figure 25.
Output fault waveforms (see Figure 26)
Figure 26.
Fault waveforms
SOFT SHORT
OUT TO Vs SHORT
FAULT DETECTION
CORRECT TURN-ON
OUT TO GND SHORT
t
t
t
ST-BY PIN
VOLTAGE
2V
OUTPUT
WAVEFORM
Vpin 10
CHECK AT TURN-ON
(TEST PHASE)
SHORT TO GND
OR TO Vs
D05AU1603mod



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com