Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99DZ70XP Datasheet(PDF) 8 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 4Page - STMicroelectronics L99DZ70XP Datasheet HTML 5Page - STMicroelectronics L99DZ70XP Datasheet HTML 6Page - STMicroelectronics L99DZ70XP Datasheet HTML 7Page - STMicroelectronics L99DZ70XP Datasheet HTML 8Page - STMicroelectronics L99DZ70XP Datasheet HTML 9Page - STMicroelectronics L99DZ70XP Datasheet HTML 10Page - STMicroelectronics L99DZ70XP Datasheet HTML 11Page - STMicroelectronics L99DZ70XP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
Block diagram and pin description
L99DZ70XP
8/47
Doc ID 15162 Rev 3
27
PWM1
PWM1 input.
This input signal can be used to control the drivers OUT1-4, OUT6-7, OUT9
and OUT11 and ECV by an external PWM signal.
30
31
OUT7,
OUT8,
Highside driver outputs 7,8: see OUT9.
By selection of one of the 2 power DMOS at same output is it possible to
supply a bulb with low on-resistance or a LED with higher on-resistance in a
different application.
32
ECV
Electrochrome voltage input and lowside driver output.
This input senses voltage in electrocrome mode for charge monitoring.
The lowside switch provides a fast discharge of electrocromic mirror and can
be used 'stand alone' as lowside switch beside electrocromic mode.
33
OUT9
Highside driver output 9.
The output is built by a highside switch and is intended for resistive loads,
hence the internal reverse diode from GND to the output is missing. For
ESD reason a diode to GND is present but the energy which can be
dissipated is limited. The highside driver is a power DMOS transistor with an
internal parasitic reverse diode from the output to VS (bulk-drain-diode). The
output is over-current and open load protected.
34
OUT10
Highside driver output 10: see OUT9.
Important: beside the bit10 in control register 1 this output can be switched
on setting bit1 for electrocromic control mode with higher priority.
Table 2.
Pin definition and functions (continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com