Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99DZ70XP Datasheet(PDF) 27 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 23Page - STMicroelectronics L99DZ70XP Datasheet HTML 24Page - STMicroelectronics L99DZ70XP Datasheet HTML 25Page - STMicroelectronics L99DZ70XP Datasheet HTML 26Page - STMicroelectronics L99DZ70XP Datasheet HTML 27Page - STMicroelectronics L99DZ70XP Datasheet HTML 28Page - STMicroelectronics L99DZ70XP Datasheet HTML 29Page - STMicroelectronics L99DZ70XP Datasheet HTML 30Page - STMicroelectronics L99DZ70XP Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
L99DZ70XP
Application information
Doc ID 15162 Rev 3
27/47
3.13
Cross-current protection
The six half-brides of the device are cross-current protected by an internal delay time. If one
driver (LS or HS) is turned off, the activation of the other driver of the same half bridge will
be automatically delayed by the cross-current protection time. After the cross-current
protection time is expired the slew-rate limited switch-off phase of the driver is changed to a
fast turn-off phase and the opposite driver is turned-on with slew-rate limitation. Due to this
behaviour it is always guaranteed that the previously activated driver is completely turned off
before the opposite driver starts to conduct.
3.14
Programmable soft-start function to drive loads with higher
inrush current
Loads with start-up currents higher than the over-current limits (e.g. inrush current of lamps,
start current of motors and cold resistance of heaters) can be driven by using the
programmable softstart function (i.e. overcurrent recovery mode). Each driver has a
corresponding over-current recovery bit. If this bit is set, the device automatically switches
the outputs on again after a programmable recovery time. The duty cycle in over-current
condition can be programmed by the SPI interface to about 12% or 25%. The PWM
modulated current will provide sufficient average current to power up the load (e.g. heat up
the bulb) until the load reaches operating condition. The PWM frequency settles at 1.7kHz
and 3kHz. The device itself cannot distinguish between a real overload and a non linear load
like a light bulb. A real overload condition can only be qualified by time. For over-load
detection the microcontroller can switch on the light bulbs by setting the over-current
recovery bit for the first e.g. 50ms. After clearing the recovery bit the output will be
automatically switched off, if the overload condition remains. This over-load detection
procedure has to be followed in order make it possible to switch on the low-side driver of a
bridge output, if the associated high-side driver has been used in recovery mode before.
Figure 9.
Example of programmable soft-start function for inductive loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com