Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99DZ70XP Datasheet(PDF) 25 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 21Page - STMicroelectronics L99DZ70XP Datasheet HTML 22Page - STMicroelectronics L99DZ70XP Datasheet HTML 23Page - STMicroelectronics L99DZ70XP Datasheet HTML 24Page - STMicroelectronics L99DZ70XP Datasheet HTML 25Page - STMicroelectronics L99DZ70XP Datasheet HTML 26Page - STMicroelectronics L99DZ70XP Datasheet HTML 27Page - STMicroelectronics L99DZ70XP Datasheet HTML 28Page - STMicroelectronics L99DZ70XP Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
L99DZ70XP
Application information
Doc ID 15162 Rev 3
25/47
3.5
Overvoltage and undervoltage detection at VS
If the power supply voltage VS rises above the overvoltage threshold VSOV OFF (typical
21 V), the outputs OUT1 to OUT11, ECDR and ECV are switched to high impedance state
to protect the load. When the voltage VS drops below the undervoltage threshold VSUV OFF
(UV-switch-OFF voltage), the output stages are switched to high impedance to avoid the
operation of the power devices without sufficient gate driving voltage (increased power
dissipation). If the supply voltage VS recovers (control register 3: bit 4=0) to normal
operating voltage then the outputs stages return to the programmed state. If the
undervoltage/overvoltage recovery disable bit is set (control register 3: bit 4=1), the
automatic turn-on of the drivers is deactivated.
The microcontroller needs to clear the status bits to reactivate the drivers. It is
recommended to set bit1 control register 3 to avoid a possible high current oscillation in
case of a shorted output to GND and low battery voltage.
3.6
Overvoltage and undervoltage detection at VCC
In case of power-on (VCC increases from undervoltage to VPOR OFF = 2.9 V) the circuit is
initialized by an internally generated power-on-reset (POR). If the voltage VCC decreases
below the minimum threshold (VPOR ON = 2.0 V), the outputs are switched to tristate (high
impedance) and the status registers are cleared.
3.7
Temperature warning and thermal shutdown
If the junction temperature rises above Tj TW, a temperature warning flag is set after at least
32 µs and it can be read via the SPI. If the junction temperature increases above the second
threshold TjSD, the thermal shutdown bit is set and the power DMOS transistors of all output
stages are switched off to protect the device after at least 32 µs.
The temperature warning and thermal shutdown flags are latched and the bits must be
cleared by the microcontroller. This is possible only if the temperature has decreased below
trigger temperature. If the thermal shutdown bit has been cleared the output stages are
reactivated.
3.8
Inductive loads
Each half bridge is built by internally connected highside and lowside power DMOS
transistors. Due to the built-in reverse diodes of the output transistors, inductive loads can
be driven at the outputs OUT1 to OUT6 without external free-wheeling diodes. The highside
drivers OUT7 to OUT11 are intended to drive resistive loads. Therefore only a limited energy
(E<1mJ) can be dissipated by the internal ESD-diodes in freewheeling condition. For
inductive loads (L>100µH) an external free-wheeling diode connected between GND and
the corresponding output is required.
The low side driver at ECV does not have a freewheel diode built into the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com