Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPBT2632C2A Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPBT2632C2A
Description  Bluetooth® technology class-2 module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2632C2A Datasheet(HTML) 1 Page - STMicroelectronics

  SPBT2632C2A Datasheet HTML 1Page - STMicroelectronics SPBT2632C2A Datasheet HTML 2Page - STMicroelectronics SPBT2632C2A Datasheet HTML 3Page - STMicroelectronics SPBT2632C2A Datasheet HTML 4Page - STMicroelectronics SPBT2632C2A Datasheet HTML 5Page - STMicroelectronics SPBT2632C2A Datasheet HTML 6Page - STMicroelectronics SPBT2632C2A Datasheet HTML 7Page - STMicroelectronics SPBT2632C2A Datasheet HTML 8Page - STMicroelectronics SPBT2632C2A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
This is information on a product in full production.
August 2012
Doc ID 022833 Rev 4
1/27
27
SPBT2632C2A
Bluetooth® technology class-2 module
Datasheet
−production data
Features
■ Bluetooth® radio
– Fully embedded Bluetooth® v3.0 with
profiles
– Class 2 module
– Complete RF ready module
– 128-bit encryption security
– Integrated antenna
– Multipoint capability
■ ST micro Cortex-M3 microprocessor up to
72 MHz
■ Memory
– 256 kb Flash memory
– 48 kb RAM memory
■ Data rate
– 1.5 Mbps maximum data rate
■ Serial interface
– UART up to 2.0 Mbps
– SPI interface
■ General I/O
– 7 general purpose I/Os
– 1 LPO input
■ User interface
– AT2 command set (abSerial)
– Firmware upgrade over UART
■ FCC and Bluetooth® qualified
■ EPL (end product listing) fulfilled
■ Single voltage supply: 2.5 V typical
■ Micro-sized form factor: 11.6 x 13.5 x 2.9 mm
■ Operating temperature range: -40 °C to 85 °C.
www.st.com


Similar Part No. - SPBT2632C2A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPBT2632C1A STMICROELECTRONICS-SPBT2632C1A Datasheet
584Kb / 26P
Bluetooth® technology class-1 module
07-Aug-2012
More results

Similar Description - SPBT2632C2A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DLBM-CH122 DELTA-DLBM-CH122 Datasheet
166Kb / 13P
Bluetooth Module Class 2
logo
HANAMICRON
HBM2X1M HANAMICRON-HBM2X1M Datasheet
211Kb / 18P
Bluetooth V1.2 Class 2 Module
HBH2X1M HANAMICRON-HBH2X1M Datasheet
239Kb / 16P
Bluetooth V2.0 EDR Class 2 Module
logo
Delta Electronics, Inc.
DLBM-CF120 DELTA-DLBM-CF120 Datasheet
246Kb / 13P
Bluetooth Module Class 2
DFBM-CM22A DELTA-DFBM-CM22A Datasheet
356Kb / 9P
Bluetooth Module Class 2
logo
STMicroelectronics
GS-BT2416C2 STMICROELECTRONICS-GS-BT2416C2 Datasheet
237Kb / 10P
Bluetooth Class 2 Module
28-Feb-2007
logo
List of Unclassifed Man...
F2M03C2 ETC2-F2M03C2 Datasheet
765Kb / 46P
Class 2 Bluetooth??Module
logo
Delta Electronics, Inc.
DLBM-CH120 DELTA-DLBM-CH120 Datasheet
353Kb / 40P
Bluetooth Module Class 2
logo
STMicroelectronics
SPBT2532C2AT STMICROELECTRONICS-SPBT2532C2AT Datasheet
909Kb / 48P
Bluetooth technology class-2 module
24-Feb-2010
logo
Panasonic Semiconductor
ENW89815C3KF PANASONIC-ENW89815C3KF Datasheet
667Kb / 33P
CLASS 2 BLUETOOTH MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com