Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPBT2632C2A Datasheet(PDF) 23 Page - STMicroelectronics

Part # SPBT2632C2A
Description  Bluetooth® technology class-2 module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2632C2A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SPBT2632C2A Datasheet HTML 19Page - STMicroelectronics SPBT2632C2A Datasheet HTML 20Page - STMicroelectronics SPBT2632C2A Datasheet HTML 21Page - STMicroelectronics SPBT2632C2A Datasheet HTML 22Page - STMicroelectronics SPBT2632C2A Datasheet HTML 23Page - STMicroelectronics SPBT2632C2A Datasheet HTML 24Page - STMicroelectronics SPBT2632C2A Datasheet HTML 25Page - STMicroelectronics SPBT2632C2A Datasheet HTML 26Page - STMicroelectronics SPBT2632C2A Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
SPBT2632C2A
Regulatory compliance
Doc ID 022833 Rev 4
23/27
8
Regulatory compliance
●
FCC and IC
–
This module has been tested and found to comply with the FCC part 15 and IC
RSS-210 rules. These limits are designed to provide reasonable protection
against harmful interference in approved installations. This equipment generates,
uses, and can radiate radio frequency energy and, if not installed and used in
accordance with the instructions, may cause harmful interference to radio
communications.
However, there is no guarantee that interference may not occur in a particular
installation.
This device complies with part 15 of the FCC rules. Operation is subject to the
following two conditions: (1) This device may not cause harmful interference, and
(2) this device must accept any interference received, including interference that
may cause undesired operation.
Modifications or changes to this equipment not expressly approved by the part
responsible for compliance may render void the user's authority to operate this
equipment.
–
Modular approval, FCC and IC
FCC ID: X3ZBTMOD4
IC: 8828A-MOD4
In accordance with FCC part 15, the SPBT2632C2A.AT2 is listed above as a
modular transmitter device.
–
Label instructions
When integrating the SPBT2632C2A.AT2 into the final product, it must be ensured
that the FCC labelling requirements, as specified below, are satisfied. Based on
the Public Notice from FCC, the product into which the ST transmitter module is
installed must display a label referring to the enclosed module. The label should
use wording such as the following:
Contains Transmitter Module
FCC ID: X3ZBTMOD4
IC: 8828A-MOD4
Any similar wording that expresses the same meaning may be used.
●
BQB
–
BQB qualified design, QD ID: B019224
–
Product type: End Product
–
TGP version: Core 3.0
–
Core spec version: 3.0
–
Product descriptions: Bluetooth module, spec V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com