Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPBT2632C2A Datasheet(PDF) 16 Page - STMicroelectronics

Part # SPBT2632C2A
Description  Bluetooth® technology class-2 module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2632C2A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SPBT2632C2A Datasheet HTML 12Page - STMicroelectronics SPBT2632C2A Datasheet HTML 13Page - STMicroelectronics SPBT2632C2A Datasheet HTML 14Page - STMicroelectronics SPBT2632C2A Datasheet HTML 15Page - STMicroelectronics SPBT2632C2A Datasheet HTML 16Page - STMicroelectronics SPBT2632C2A Datasheet HTML 17Page - STMicroelectronics SPBT2632C2A Datasheet HTML 18Page - STMicroelectronics SPBT2632C2A Datasheet HTML 19Page - STMicroelectronics SPBT2632C2A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Hardware design
SPBT2632C2A
16/27
Doc ID 022833 Rev 4
7
Hardware design
The SPBT2632C2A module without AT2 command embedded FW supports UART, SPI, I2C
and GPIO hardware interfaces. Note that the usage of these interfaces is dependent upon
the firmware that is loaded into the module, and is beyond the scope of this document. The
AT2 command interface uses the main UART by default.
Note:
1
All unused pins should be left floating; do not ground.
2
All GND pins must be well grounded.
3
The area around the module should be free of any ground planes, power planes, trace
routings, or metal for 6 mm from the antenna in all directions.
4
Traces should not be routed underneath the module.
7.1
Module reflow installation
The SPB2632C2A is a surface mount Bluetooth module supplied on a 16-pin, 6-layer PCB.
The final assembly recommended reflow profiles are indicated here below.
The soldering phase must be executed with care: In order to avoid undesired melting
phenomenon, particular attention must be paid to the setup of the peak temperature.
The following are some suggestions for the temperature profile based on IPC/JEDEC J-
STD-020C, July 2004 recommendations.
Table 8.
Soldering
Profile feature
PB-free assembly
Average ramp-up rate (TSMAX to TP)
3 °C/sec max
Preheat:
– Temperature min. (TS min.)
– Temperature max. (TS max.)
–Time (ts min. to ts max.)(ts)
150 °C
200 °C
60-100 sec
Time maintained above:
– Temperature TL
– Temperature TL
217 °C
60-70 sec
Peak temperature (TP)
240 + 0 °C
Time within 5 °C of actual peak temperature (TP)
10-20 sec
Ramp-down rate
6 °C/sec
Time from 25 °C to peak temperature
8 minutes max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com