Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPBT2632C2A Datasheet(PDF) 20 Page - STMicroelectronics

Part # SPBT2632C2A
Description  Bluetooth® technology class-2 module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2632C2A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SPBT2632C2A Datasheet HTML 16Page - STMicroelectronics SPBT2632C2A Datasheet HTML 17Page - STMicroelectronics SPBT2632C2A Datasheet HTML 18Page - STMicroelectronics SPBT2632C2A Datasheet HTML 19Page - STMicroelectronics SPBT2632C2A Datasheet HTML 20Page - STMicroelectronics SPBT2632C2A Datasheet HTML 21Page - STMicroelectronics SPBT2632C2A Datasheet HTML 22Page - STMicroelectronics SPBT2632C2A Datasheet HTML 23Page - STMicroelectronics SPBT2632C2A Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Hardware design
SPBT2632C2A
20/27
Doc ID 022833 Rev 4
7.6
External LPO input circuit
An optional low power oscillator input may be added to allow Deep sleep and Sniff modes.
●
LPO parameters:
–
Frequency: 32.768 kHz
–
Tolerance: 150 ppm
–
Voltage levels
–Low: 0.5 V
–
High: 1.8 V
–
Input capacitance: 2.5 pF maximum
●
Configurations:
–
Use two configuration variables: UseExtLPO and AllowSniff.
Figure 11.
External LPO circuit
Table 9.
System configuration variables
Variable
Name
Default
Description
Var37
UseExtLPO
True
True when a 32.768 kHz low power oscillator is present, and false
if not present
Var43
AllowSniff
True
Enables Sniff mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com