Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM62XP Datasheet(PDF) 62 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 58Page - STMicroelectronics L99PM62XP Datasheet HTML 59Page - STMicroelectronics L99PM62XP Datasheet HTML 60Page - STMicroelectronics L99PM62XP Datasheet HTML 61Page - STMicroelectronics L99PM62XP Datasheet HTML 62Page - STMicroelectronics L99PM62XP Datasheet HTML 63Page - STMicroelectronics L99PM62XP Datasheet HTML 64Page - STMicroelectronics L99PM62XP Datasheet HTML 65Page - STMicroelectronics L99PM62XP Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 98 page
background image
Electrical specifications
L99PM62XP
62/98
Doc ID 16363 Rev 3
CSN timing
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V < VS < 18 V; 4.5 V < V1 < 5.3 V; all outputs open; Tj = -40 °C to
130 °C, unless otherwise specified.
5.5.15
Inputs TxD_C and TxD_L for Flash mode
6V
≤ Vs ≤ 18 V; 4.5 V ≤ V
1
≤ 5.3 V; T
j = -40 °C to 130 °C, voltages are referred to PGND,
all outputs open
tdis DO L tri
DO disable time
from low level to 3-state
CL = 100 pF, ILOAD = 4 mA
pull-up load to V1
-50
250
ns
ten DO tri H
DO enable time
from 3-state to high level
CL = 100 pF, ILOAD = -1 mA
pull-down load to GND
-50
250
ns
tdis DO H tri
DO disable time
from high level to 3-state
CL = 100 pF, ILOAD = -4 mA
pull-down load to GND
-50
250
ns
td DO
DO delay time
VDO < 0.3 V1,
VDO > 0.7 V1,
CL = 100 pF
-50
250
ns
1.
See
Figure 31 and Figure 32.
Table 39.
CSN timing(1)
1.
See
Figure 33.
Symbol
Parameter
Test Condition
Min. Typ. Max. Unit
tCSN_HI,min
Minimum CSN HI
time, active mode
Transfer of SPI-command to Input
register
6µs
tCSNfail
CSN low timeout
Tested by scan chain
20
35
50
ms
Table 38.
DO timing(1) (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 40.
Inputs TxD_C and TxD_L for Flash mode
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VFlashL
Input low level (VTXDC/L rising)
V1 = 5 V
6.17.258.4
V
VFlashH
Input high level (VTXDC/L falling)
V1 = 5 V
7.4
8.4
9.4
V
VFlashHYS Input Voltage Hysteresis
V1 = 5 V
0.6
0.8
1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com