Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM62XP Datasheet(PDF) 15 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 11Page - STMicroelectronics L99PM62XP Datasheet HTML 12Page - STMicroelectronics L99PM62XP Datasheet HTML 13Page - STMicroelectronics L99PM62XP Datasheet HTML 14Page - STMicroelectronics L99PM62XP Datasheet HTML 15Page - STMicroelectronics L99PM62XP Datasheet HTML 16Page - STMicroelectronics L99PM62XP Datasheet HTML 17Page - STMicroelectronics L99PM62XP Datasheet HTML 18Page - STMicroelectronics L99PM62XP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 98 page
background image
L99PM62XP
Description
Doc ID 16363 Rev 3
15/98
The output voltage V3 can be calculated using the following formula:
The circuit in
Figure 6 provides additional current limitation using an additional NPN
transistor and R5 which allows setting the current limit.
Alternatively, voltage regulator 1 can be used to provide the 5 V reference for this topology.
However, the additional current consumption through R3 and R4 has to be considered in
V1standby mode.
2.1.4
Voltage regulator failure
The V1, and V2 regulator output voltages are monitored.
In case of a drop below the V1, V2 – fail thresholds (V1,2 < 2 V, typ for t > 2 µs), the V1,2-fail
bits are latched. The fail bits can be cleared by a dedicated SPI command.
Short to ground detection
If 4 ms after turn on of the regulator the V1,2 voltage is below the V1,2 fail thresholds,
(independent for V1,2), the L99PM62XP identifies a short circuit condition at the related
regulator output and the regulator is switched off.
In case of V1 short to GND failure the device enters VBAT standby mode automatically. Bits
Forced VBAT STD2/SHTV1 and V1 fail were set.
In case of a V2 short to GND failure the V2short and V2 fail bit is set.
If the output voltage of the corresponding regulator once exceeded the V1,2 fail thresholds
the short to ground detection is disabled. If a short to ground condition occurs the regulator
outputs switches off due to thermal shutdown (V1 at TSD2; V2 at TSD1).
v
3
v
2
2
------
R
1
R
2
+
R
2
--------------------- V
[]
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com