Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM62XP Datasheet(PDF) 26 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 22Page - STMicroelectronics L99PM62XP Datasheet HTML 23Page - STMicroelectronics L99PM62XP Datasheet HTML 24Page - STMicroelectronics L99PM62XP Datasheet HTML 25Page - STMicroelectronics L99PM62XP Datasheet HTML 26Page - STMicroelectronics L99PM62XP Datasheet HTML 27Page - STMicroelectronics L99PM62XP Datasheet HTML 28Page - STMicroelectronics L99PM62XP Datasheet HTML 29Page - STMicroelectronics L99PM62XP Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 98 page
background image
Description
L99PM62XP
26/98
Doc ID 16363 Rev 3
The fail safe functionality is also available in V1 standby mode. During V1 standby mode the
fails safe mode is entered in the following cases:
●
V1 undervoltage (V1 < Vrth for t > 8 µs)
●
Watchdog failure (if watchdog still running due to IV1 > Icmp)
●
Thermal shutdown TSD2
In fail safe mode the L99PM62 returns to a default. The fail safe condition is indicated to the
remaining system in the global status register. The conditions during fails safe mode are:
●
All outputs are turned off
●
All control registers are set to default values (except OUT3/FSO configuration)
●
Write operations to control registers are blocked until the fail safe condition is cleared
(see
Table 5)
●
LIN and HS CAN transmitter, OpAmps and SPI remain on
●
Corresponding failure bits in status registers are set.
●
FSO Bit (Bit 0 global status register) is set
●
OUT3/FSO is activated if configured as fail safe output
If OUT3 is configured as FSO, the internal fail safe mode can be monitored at OUT3 (high-
side driver is turned on in fail-safe mode). Self protection features for OUT3 when configured
as FSO are active (see
Section 3.3: High-side driver outputs ).
OUT3 is configured as fail safe output by default. It can be configured to normal high-side
driver operation by SPI. It this case, the configuration remains until Vs power on.
If the fail safe mode was entered it keeps active until the fail safe condition is removed and
the fail safe was read by spi. depending on the root cause of the fail safe operation, the
actions to exit fail safe mode are as shown in the following table.
If the fail-safe condition persists and all attempts to return to normal system operation fail,
the L99PM62 enters the
forced VBAT standby mode in order to prevent damage to the
Table 5.
Fail safe conditions and exit modes
Failure source
Failure condition
Diagnosis
Exit from fail-safe mode
µC (oscillator)
Watchdog early write
failure or expired window
Fail-safe = 1
WDfail = n+1
TRIG = 1 during LOWi and
read fail-safe bit
V1
Short at turn-on
Fail-safe = 1
Forced Sleep TSD2/SHTV1 = 1
Read&Clear SR3 after wake
Undervoltage
Fail-safe = 1
V1fail = 1
(1)
V1 > Vrth
Read Fail-safe bit
Temperature
Tj > TSD2
Fail-safe = 1
TW = 1
TSD1 = 1
TSD2 = 1
Tj < TSD2
Read&Clear SR3
SPI
DI short to GND or VCC
Fail-safe = 1
Valid SPI command
1.
if V1 < V1fail (for t >2µs)
The fail-safe bit is located in the global status register (Bit 0)
multiple failures – entering forced VBAT standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com