Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F25D Datasheet(PDF) 80 Page - Holtek Semiconductor Inc

Part # HT66F25D
Description  A/D Flash Type 8-bit MCU with EEPROM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F25D Datasheet(HTML) 80 Page - Holtek Semiconductor Inc

Back Button HT66F25D Datasheet HTML 76Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 77Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 78Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 79Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 80Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 81Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 82Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 83Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 84Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 177 page
background image
Rev. 1.00
80
���� ��� �01�
Rev. 1.00
81
���� ��� �01�
A/D Flash Type 8-bit MCU with EEPROM
HT66F24D/HT66F25D
Co�nter Va��e
0x3FF
CCRP
CCRA
TnON
TnPAU
TnPOL
CCRP Int.
F�ag TnPF
CCRA Int.
F�ag TnAF
TM O/P Pin
Time
CCRP=0
CCRP > 0
Co�nter overf�ow
CCRP > 0
Co�nter c�eared b� CCRP va��e
Pa�se
Res�me
Stop
Co�nter
Restart
TnCCLR = 0; TnM [1:0] = 00
O�tp�t pin set to
initia� Leve� Low
if TnOC=0
O�tp�t Togg�e with
TnAF f�ag
Note TnIO [1:0] = 10
Active High O�tp�t se�ect
Here TnIO [1:0] = 11
Togg�e O�tp�t se�ect
O�tp�t not affected b� TnAF
f�ag. Remains High �nti� reset
b� TnON bit
O�tp�t Pin
Reset to Initia� va��e
O�tp�t contro��ed b�
other pin-shared f�nction
O�tp�t Inverts
when TnPOL is high
Compare Match Output Mode – TnCCLR=0
Note:1.WithTnCCLR=0,aComparatorPmatchwillclearthecounter
2.TheTMoutputpiniscontrolledonlybytheTnAFflag
3.TheoutputpinisresettoitsinitialstatebyaTnONbitrisingedge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com