Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F25D Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT66F25D
Description  A/D Flash Type 8-bit MCU with EEPROM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F25D Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT66F25D Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 17Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 18Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 177 page
background image
A/D Flash Type 8-bit MCU with EEPROM
HT66F24D/HT66F25D
Rev. 1.00
14
���� ��� �01�
Rev. 1.00
15
���� ��� �01�
LVD and LVR Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VLVR1
Low Vo�tage Reset Vo�tage
—
LVR Enab�e� VLVR = �.1V
-5%×
T�p.
�.1
+5%×
T�p.
V
VLVR�
LVR Enab�e� VLVR = �.55V
�.55
V
VLVR3
LVR Enab�e� VLVR = 3.15V
3.15
V
VLVR4
LVR Enab�e� VLVR = 3.8V
3.8
V
VLVD1
Low Vo�tage Detector Vo�tage
—
LVDEN = 1� VLVD = �.0V
-5%×
T�p.
�.0
+5%×
T�p.
V
VLVD�
LVDEN = 1� VLVD = �.�V
�.�
V
VLVD3
LVDEN = 1� VLVD = �.4V
�.4
V
VLVD4
LVDEN = 1� VLVD = �.7V
�.7
V
VLVD5
LVDEN = 1� VLVD = 3.0V
3.0
V
VLVD�
LVDEN = 1� VLVD = 3.3V
3.3
V
VLVD7
LVDEN = 1� VLVD = 3.�V
3.�
V
VLVD8
LVDEN = 1� VLVD = 4.0V
4.0
V
ILVR
Additiona� Power Cons�mption
3V
—
—
30
45
μA
5V
—
�0
90
μA
ILVD
Additiona� Power Cons�mption
if LVD is Used
3V LVD disab�e à LVD enab�e
(LVR enab�e)
—
30
45
μA
5V
—
�0
90
μA
tLVR
Low Vo�tage Width to Reset
—
—
1�0
�40
480
μs
tLVD
Low Vo�tage Width to Interr�pt
—
—
�0
45
90
μs
tLVDS
LVDO stab�e time
—
For LVR enab�e� LVD offàon
15
—
—
μs
—
For LVR disab�e� LVD offàon
15
—
—
μs
tSRESET
Software Reset Width to Reset
—
—
45
90
1�0
μs
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com