Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F25D Datasheet(PDF) 36 Page - Holtek Semiconductor Inc

Part # HT66F25D
Description  A/D Flash Type 8-bit MCU with EEPROM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F25D Datasheet(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT66F25D Datasheet HTML 32Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 33Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 34Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 35Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 36Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 37Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 38Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 39Page - Holtek Semiconductor Inc HT66F25D Datasheet HTML 40Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 177 page
background image
Rev. 1.00
3�
���� ��� �01�
Rev. 1.00
37
���� ��� �01�
A/D Flash Type 8-bit MCU with EEPROM
HT66F24D/HT66F25D
Oscillator
Variousoscillatoroptionsoffertheuserawiderangeoffunctionsaccordingtotheirvarious
applicationrequirements.Theflexiblefeaturesoftheoscillatorfunctionsensurethatthebest
optimisationcanbeachievedintermsofspeedandpowersaving.Oscillatorselectionsandoperation
areselectedthroughacombinationofconfigurationoptionsandregisters.
Oscillator Overview
Inadditiontobeingthesourceofthemainsystemclocktheoscillatorsalsoprovideclocksources
fortheWatchdogTimerandTimeBaseInterrupts.Externaloscillatorsrequiringsomeexternal
componentsaswellasfullyintegratedinternaloscillators,requiringnoexternalcomponents,
areprovidedtoformawiderangeofbothfastandslowsystemoscillators.Alloscillatoroptions
areselectedthroughtheconfigurationoptions.Thehigherfrequencyoscillatorsprovidehigher
performancebutcarrywithitthedisadvantageofhigherpowerrequirements,whiletheopposite
isofcoursetrueforthelowerfrequencyoscillators.Withthecapabilityofdynamicallyswitching
betweenfastandslowsystemclock,thedevicehastheflexibilitytooptimizetheperformance/power
ratio,afeatureespeciallyimportantinpowersensitiveportableapplications.
Type
Name
Freq.
Pins
Externa� High Speed Cr�sta�
HXT
400kHz~1�MHz
OSC1/OSC�
Interna� High Speed RC
HIRC
4� 8 or 1�MHz
—
Externa� Low Speed Cr�sta�
LXT
3�.7�8 kHz
XT1/XT�
Interna� Low Speed RC
LIRC
3�kHz
—
Oscillator Types
System Clock Configurations
Therearefoursystemoscillators,twohighspeedandtwolowspeedoscillators.Thehighspeed
oscillatorsaretheexternalcrystal/ceramicoscillator–HXTandtheinternalRCoscillator-HIRC.
Thelowspeedoscillatorsaretheinternal32kHzoscillator–LIRCandtheexternal32.768kHz
crystaloscillator–LXT.Selectingwhethertheloworhighspeedoscillatorisusedasthesystem
oscillatorisimplementedusingtheHLCLKbitandCKS2~CKS0bitsintheSMODregisterandas
thesystemclockcanbedynamicallyselected.
Theactualsourceclockusedforeachofthehighspeedandlowspeedoscillatorsischosen
viaconfigurationoptions.Thefrequencyoftheslowspeedorhighspeedsystemclockisalso
determinedusingtheHLCLKbitandCKS2~CKS0bitsintheSMODregister.Notethattwo
oscillatorselectionsmustbemadenamelyonehighspeedandonelowspeedsystemoscillators.Itis
notpossibletochooseano-oscillatorselectionforeitherthehighorlowspeedoscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com