Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC81XM Datasheet(PDF) 43 Page - NXP Semiconductors

Part # LPC81XM
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81XM Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button LPC81XM Datasheet HTML 39Page - NXP Semiconductors LPC81XM Datasheet HTML 40Page - NXP Semiconductors LPC81XM Datasheet HTML 41Page - NXP Semiconductors LPC81XM Datasheet HTML 42Page - NXP Semiconductors LPC81XM Datasheet HTML 43Page - NXP Semiconductors LPC81XM Datasheet HTML 44Page - NXP Semiconductors LPC81XM Datasheet HTML 45Page - NXP Semiconductors LPC81XM Datasheet HTML 46Page - NXP Semiconductors LPC81XM Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1.0 — 7 November 2012
43 of 67
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
11. Dynamic characteristics
11.1 Power-up ramp conditions
<tbd>
11.2 Flash memory
[1]
Number of program/erase cycles.
[2]
Min and max values are valid for Tamb = 40 C to +85 C only.
[3]
Programming times are given for writing <tbd> bytes to the flash. Tamb < +85 C. Data must be written to
the flash in blocks of 256 bytes. Flash programming is accomplished via IAP calls (see LPC800 user
manual). Execution time of IAP calls depends on the system clock and is typically between 1.5 and 2 ms
per 256 bytes.
11.3 External clock for the oscillator in slave mode and CLKIN
Remark: The input voltage on the XTAL1/2 pins must be
 1.95 V (see Table 9). For
connecting the oscillator to the XTAL pins, also see Section 13.1.
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
Table 11.
Flash characteristics
Tamb = 40 C to +85 C. Based on JEDEC NVM qualification. Failure rate < 10 ppm for parts as
specified below.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Nendu
endurance
[2][1] 10000
100000
-
cycles
tret
retention time
powered
[2] 10
20
-
years
unpowered
[2] 20
40
-
years
ter
erase time
sector or multiple
consecutive
sectors
[2] 95
100
105
ms
tprog
programming
time
[2][3] 0.95
1
1.05
ms
Table 12.
Dynamic characteristic: external clock (XTALIN or CLKIN inputs)
Tamb = 40 C to +85 C; VDD over specified ranges.[1]
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
fosc
oscillator frequency
1
-
25
MHz
Tcy(clk)
clock cycle time
40
-
1000
ns
tCHCX
clock HIGH time
Tcy(clk)  0.4
-
-
ns
tCLCX
clock LOW time
Tcy(clk)  0.4
-
-
ns
tCLCH
clock rise time
-
-
5
ns
tCHCL
clock fall time
-
-
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com