Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC81XM Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC81XM
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81XM Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC81XM Datasheet HTML 1Page - NXP Semiconductors LPC81XM Datasheet HTML 2Page - NXP Semiconductors LPC81XM Datasheet HTML 3Page - NXP Semiconductors LPC81XM Datasheet HTML 4Page - NXP Semiconductors LPC81XM Datasheet HTML 5Page - NXP Semiconductors LPC81XM Datasheet HTML 6Page - NXP Semiconductors LPC81XM Datasheet HTML 7Page - NXP Semiconductors LPC81XM Datasheet HTML 8Page - NXP Semiconductors LPC81XM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
1.
General description
The LPC81xM are an ARM Cortex-M0+ based, low-cost 32-bit MCU family operating at
CPU frequencies of up to 30 MHz. The LPC81xM support up to 16 kB of flash memory
and 4 kB of SRAM.
The peripheral complement of the LPC81xM includes a CRC engine, one I2C-bus
interface, up to three USARTs, up to two SPI interfaces, one multi-rate timer, self wake-up
timer, and state-configurable timer, one comparator, function-configurable I/O ports
through a switch matrix, an input pattern match engine, and up to 18 general-purpose I/O
pins.
2.
Features and benefits
System:
ARM Cortex-M0+ processor, running at frequencies of up to 30 MHz with
single-cycle multiplier and fast single-cycle I/O port.
ARM Cortex-M0+ built-in Nested Vectored Interrupt Controller (NVIC).
System tick timer.
Serial Wire Debug (SWD) and JTAG boundary scan modes supported.
Micro Trace Buffer (MTB) supported.
Memory:
16 kB on-chip flash programming memory with 64 Byte page write and erase.
4 kB SRAM.
ROM API support:
Boot loader.
USART drivers.
I2C drivers.
Power profiles.
Flash In-Application Programming (IAP) and In-System Programming (ISP).
Digital peripherals:
High-speed GPIO interface connected to the ARM Cortex-M0+ IO bus with up to 18
General-Purpose I/O (GPIO) pins with configurable pull-up/pull-down resistors.
GPIO interrupt generation capability with boolean pattern-matching feature on eight
GPIO inputs.
Switch matrix for flexible configuration of each I/O pin function.
State Configurable Timer (SCT) with input and output functions (including capture
and match) assigned to pins through the switch matrix.
LPC81xM
32-bit ARM Cortex-M0+ microcontroller; up to 16 kB flash and
4 kB SRAM
Rev. 1.0 — 7 November 2012
Objective data sheet


Similar Part No. - LPC81XM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC81xM NXP-LPC81xM Datasheet
888Kb / 78P
32-bit ARM짰 Cortex짰-M0 microcontroller
Rev. 4.6-4 April 2018
LPC81XM NXP-LPC81XM_13 Datasheet
533Kb / 71P
32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 3-29 July 2013
LPC81XM PHILIPS-LPC81XM_15 Datasheet
739Kb / 77P
32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 4.4-23 June 2015
LPC81XM NXP-LPC81XM_18 Datasheet
888Kb / 78P
32-bit ARM짰 Cortex짰-M0 microcontroller
Rev. 4.6-4 April 2018
More results

Similar Description - LPC81XM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC1102 NXP-LPC1102 Datasheet
255Kb / 38P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 00.04-23 June 2010
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC81XM NXP-LPC81XM_13 Datasheet
533Kb / 71P
32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 3-29 July 2013
LPC81XM PHILIPS-LPC81XM_15 Datasheet
739Kb / 77P
32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 4.4-23 June 2015
logo
Holtek Semiconductor In...
HT32F0008 HOLTEK-HT32F0008 Datasheet
1Mb / 46P
32-Bit Arm Cortex -M0 Microcontroller, up to 64 KB Flash and 16 KB SRAM
HT32F52243 HOLTEK-HT32F52243 Datasheet
6Mb / 44P
32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
October 23, 2017
logo
NXP Semiconductors
LPC11E1X NXP-LPC11E1X Datasheet
1Mb / 62P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USART
Rev.1.1-24 September 2013
LPC1102 NXP-LPC1102_V01 Datasheet
683Kb / 43P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com