Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8912 Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 128 page
background image
WM8912
Production Data
w
PD, Rev 4.0, September 2010
40
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3
HPR_RMV_SHO
RT
0
Removes HPR short
0 = HPR short enabled
1 = HPR short removed
For normal operation, this bit should
be set as the final step of the HPR
Enable sequence.
2
HPR_ENA_OUTP
0
Enables HPR output stage
0 = Disabled
1 = Enabled
For normal operation, this bit should
be set to 1 after the DC offset
cancellation has been scheduled.
1
HPR_ENA_DLY
0
Enables HPR intermediate stage
0 = Disabled
1 = Enabled
For normal operation, this bit should
be set to 1 after the output signal path
has been configured, and before DC
offset cancellation is scheduled. This
bit should be set with at least 20us
delay after HPR_ENA.
0
HPR_ENA
0
Enables HPR input stage
0 = Disabled
1 = Enabled
For normal operation, this bit should
be set as the first step of the HPR
Enable sequence.
R94 (5Eh)
Analogue
Lineout 0
7
LINEOUTL_RMV
_SHORT
0
Removes LINEOUTL short
0 = LINEOUTL short enabled
1 = LINEOUTL short removed
For normal operation, this bit should
be set as the final step of the
LINEOUTL Enable sequence.
6
LINEOUTL_ENA_
OUTP
0
Enables LINEOUTL output stage
0 = Disabled
1 = Enabled
For normal operation, this bit should
be set to 1 after the DC offset
cancellation has been scheduled.
5
LINEOUTL_ENA_
DLY
0
Enables LINEOUTL intermediate
stage
0 = Disabled
1 = Enabled
For normal operation, this bit should
be set to 1 after the output signal path
has been configured, and before DC
offset cancellation is scheduled. This
bit should be set with at least 20us
delay after LINEOUTL_ENA.
4
LINEOUTL_ENA
0
Enables LINEOUTL input stage
0 = Disabled
1 = Enabled
For normal operation, this bit should
be set as the first step of the
LINEOUTL Enable sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com