| Electronic Components Datasheet Search |
|
WM8912 Datasheet(PDF) 81 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8912 Datasheet(HTML) 81 Page - Wolfson Microelectronics plc |
|
81 / 128 page ![]() Production Data WM8912 w PD, Rev 4.0, September 2010 81 The sequence of signals associated with a single register write operation is illustrated in Figure 46. Figure 46 Control Interface Register Write The sequence of signals associated with a single register read operation is illustrated in Figure 47. A1 D7 D1 A7 SDA SCLK device ID device ID A0 D6 B9 B8 Note: The SDA pin is driven by both the master and slave devices in turn to transfer device address, register address, data and ACK responses R/W D0 B15 register address data bits B15 – B8 START (Write) ACK ACK ACK R/W (Read) B1 B0 B7 data bits B15 – B8 ACK STOP ACK Rpt START Figure 47 Control Interface Register Read The Control Interface also supports other register operations, as listed above. The interface protocol for these operations is summarised below. The terminology used in the following figures is detailed in Table 55. Note that multiple write and multiple read operations are supported using the auto-increment mode. This feature enables the host processor to access sequential blocks of the data in the WM8912 register map faster than is possible with single register operations. TERMINOLOGY DESCRIPTION S Start Condition Sr Repeated start A Acknowledge (SDA Low) A ¯ ¯ Not Acknowledge (SDA High) P Stop Condition R/W ¯ ¯ ReadNotWrite 0 = Write 1 = Read [White field] Data flow from bus master to WM8912 [Grey field] Data flow from WM8912 to bus master Table 55 Control Interface Terminology Figure 48 Single Register Write to Specified Address |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |