Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8912 Datasheet(PDF) 99 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 99 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 103Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 128 page
background image
Production Data
WM8912
w
PD, Rev 4.0, September 2010
99
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R22 (16h)
Clock Rates
2
15
MCLK_INV
0
MCLK Invert
0 = MCLK not inverted
1 = MCLK inverted
14
SYSCLK_SRC
0
SYSCLK Source Select
0 = MCLK
1 = FLL output
12
TOCLK_RATE
0
TOCLK Rate Divider (/2)
0 = f / 2
1 = f / 1
3
OPCLK_ENA
0
GPIO Clock Output Enable
0 = disabled
1 = enabled
2
CLK_SYS_EN
A
0
System Clock enable
0 = Disabled
1 = Enabled
1
CLK_DSP_EN
A
0
DSP Clock enable
0 = Disabled
1 = Enabled
0
TOCLK_ENA
0
Zero Cross timeout enable
0 = Disabled
1 = Enabled
Register 16h Clock Rates 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R24 (18h)
Audio
Interface 0
12
DACL_DATINV
0
Left DAC Invert
0 = Left DAC output not inverted
1 = Left DAC output inverted
11
DACR_DATIN
V
0
Right DAC Invert
0 = Right DAC output not inverted
1 = Right DAC output inverted
10:9
DAC_BOOST
[1:0]
00
DAC Digital Input Volume Boost
00 = 0dB
01 = +6dB (Input data must not exceed -6dBFS)
10 = +12dB (Input data must not exceed -12dBFS)
11 = +18dB (Input data must not exceed -18dBFS)
5
AIFDACL_SRC
0
Left DAC Data Source Select
0 = Left DAC outputs left channel data
1 = Left DAC outputs right channel data
4
AIFDACR_SR
C
1
Right DAC Data Source Select
0 = Right DAC outputs left channel data
1 = Right DAC outputs right channel data
1
DAC_COMP
0
DAC Companding Enable
0 = disabled
1 = enabled
0
DAC_COMPM
ODE
0
DAC Companding Type
0 = μ-law
1 = A-law
Register 18h Audio Interface 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com