Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8912 Datasheet(PDF) 120 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 120 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 124Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 128 page
background image
WM8912
Production Data
w
PD, Rev 4.0, September 2010
120
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R128 (80h)
Interrupt
Status Mask
9
IM_GPIO_BCL
K_EINT
1
GPIO4 interrupt mask
0 = do not mask interrupt
1 = mask interrupt
8
IM_WSEQ_EIN
T
1
Write sequencer interrupt mask
0 = do not mask interrupt
1 = mask interrupt
5
IM_GPIO1_EIN
T
1
GPIO1 interrupt mask
0 = do not mask interrupt
1 = mask interrupt
2
IM_FLL_LOCK
_EINT
1
FLL Lock interrupt mask
0 = do not mask interrupt
1 = mask interrupt
Register 80h Interrupt Status Mask
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R129 (81h)
Interrupt
Polarity
9
GPIO_BCLK_E
INT_POL
0
GPIO4 interrupt polarity
0 = active high
1 = active low
8
WSEQ_EINT_
POL
0
Write Sequencer interrupt polarity
0 = active high (interrupt is triggered when WSEQ is
busy)
1 = active low (interrupt is triggered when WSEQ is
idle)
5
GPIO1_EINT_
POL
0
GPIO1 interrupt polarity
0 = active high
1 = active low
2
FLL_LOCK_EI
NT_POL
0
FLL Lock interrupt polarity
0 = active high (interrupt is triggered when FLL Lock is
reached)
1 = active low (interrupt is triggered when FLL is not
locked)
Register 81h Interrupt Polarity
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R130 (82h)
Interrupt
Debounce
9
GPIO_BCLK_E
INT_DB
0
GPIO4 interrupt debounce
0 = disabled
1 = enabled
8
WSEQ_EINT_
DB
0
Write Sequencer interrupt debounce enable
0 = disabled
1 = enabled
5
GPIO1_EINT_
DB
0
GPIO1 input debounce
0 = disabled
1 = enabled
2
FLL_LOCK_EI
NT_DB
0
FLL Lock debounce
0 = disabled
1 = enabled
Register 82h Interrupt Debounce



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com