Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8215 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8215
Description  60MSPS 10-bit 3-Channel CCD Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8215 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8215 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
WM8215
Production Data
w
PD, Rev 4.3, September 2012
6
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD = DVDD1 = DVDD2 = 3.3V, AGND = DGND = 0V, TA = 25C, MCLK = 60MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Overall System Specification (including 10-bit ADC, PGA, Offset and CDS functions)
Conversion rate
60
MSPS
Full-scale input voltage range
(see Note 1)
LOWREFS=0, Max Gain
LOWREFS=0, Min Gain
0.25
3.03
Vp-p
Vp-p
LOWREFS=1, Max Gain
LOWREFS=1, Min Gain
0.15
1.82
Vp-p
Vp-p
Input signal limits (see Note 2)
VIN
AGND-0.3
AVDD+0.3
V
Input capacitance
10
pF
Input switching impedance
45
Full-scale transition error
Gain = 0dB;
PGA[8:0] = 14(hex)
20
mV
Zero-scale transition error
Gain = 0dB;
PGA[8:0] = 14(hex)
20
mV
Differential non-linearity
DNL
0.75
LSB
Integral non-linearity
INL
2
LSB
Channel to channel gain matching
1%
%
Output noise
Min Gain
Max Gain
0.2
2.15
LSB rms
LSB rms
References
Upper reference voltage
VRT
LOWREFS=0
LOWREFS=1
1.95
2.05
1.85
2.25
V
V
Lower reference voltage
VRB
LOWREFS=0
LOWREFS=1
0.95
1.05
1.25
1.25
V
V
Input return bias voltage
VRX
1.25
V
Diff. reference voltage (VRT-VRB)
VRTB
LOWREFS=0
LOWREFS=1
0.95
0.57
1.0
0.6
1.10
0.68
V
V
Output resistance VRT, VRB, VRX
1

VRLC/Reset-Level Clamp (RLC)
RLC switching impedance
45

VRLC short-circuit current
2
mA
VRLC output resistance
3
VRLC Hi-Z leakage current
VRLC = 0 to AVDD
1
A
RLCDAC resolution
4
bits
RLCDAC step size, RLCDACRNG
= 0
VRLCSTEP
0.173
V/step
RLCDAC step size, RLCDACRNG
= 1
VRLCSTEP
LOWREFS = 0
0.11
V/step
LOWREFS = 1
0.10
RLCDAC output voltage at
code 0(hex), RLCDACRNG = 0
VRLCBOT
0.4
V
RLCDAC output voltage at
code 0(hex), RLCDACRNG = 1
VRLCBOT
LOWREFS = 0
0.4
V
LOWREFS = 1
RLCDAC output voltage at
code F(hex) RLCDACRNG, = 0
VRLCTOP
3.0
V
RLCDAC output voltage at
code F(hex), RLCDACRNG = 1
VRLCTOP
LOWREFS = 0
2.05
1.85
V
LOWREFS = 1
RLCDAC
DNL
-0.5
+0.5
LSB
RLCDAC
INL
+/-0.5
LSB
Notes:
1.
Full-scale input voltage denotes the peak input signal amplitude that can be gained to match the ADC full-scale
input range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com