Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8215 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8215
Description  60MSPS 10-bit 3-Channel CCD Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8215 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8215 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
WM8215
Production Data
w
PD, Rev 4.3, September 2012
16
CDS/NON-CDS PROCESSING
For CCD type input signals, containing a fixed reference/reset level, the signal may be processed
using Correlated Double Sampling (CDS), which will remove pixel-by-pixel common mode noise. With
CDS processing the input waveform is sampled at two different points in time for each pixel, once
during the reference/reset level and once during the video level. To sample using CDS, register bit
CDS must be set to 1 (default). This causes the signal reference to come from the video reference
level as shown in Figure 11.
The video sample is always taken on the falling edge of the input VSMP signal (VS). In CDS-mode
the reset level is sampled on the falling edge of the RSMP input signal (RS).
For input signals that do not contain a reference/reset level (e.g. CIS sensor signals), non-CDS
processing is used (CDS=0). In this case, the video level is processed with respect to the voltage on
pin VRLC/VBIAS. The VRLC/VBIAS voltage is sampled at the same time as VSMP samples the
video level in this mode.
Figure 11 CDS/non-CDS Input Configuration
OFFSET ADJUST AND PROGRAMMABLE GAIN
The output from the CDS block is a differential signal, which is added to the output of an 8-bit Offset
DAC to compensate for offsets and then amplified by a 9-bit PGA. The gain and offset for each
channel are independently programmable by writing to control bits DAC[7:0] and PGA[8:0].
The gain characteristic of the WM8215 PGA is shown in Figure 12. Figure 13 shows the maximum
device input voltage that can be gained up to match the ADC full-scale input range (default=2V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com