Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8215 Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8215
Description  60MSPS 10-bit 3-Channel CCD Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8215 Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8215 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
WM8215
Production Data
w
PD, Rev 4.3, September 2012
19
CALCULATING THE OUTPUT CODE FOR A GIVEN INPUT
The following equations describe the processing of the video and reset level signals through
the WM8215.
INPUT SAMPLING BLOCK: INPUT SAMPLING AND REFERENCING
If CDS = 1, (i.e. CDS operation) the previously sampled reset level, VRESET, is subtracted from the
input video, VIN (= RINP, GINP or BINP).
V1
=
VIN - VRESET
Eqn. 1
If CDS = 0, (non-CDS operation) the simultaneously sampled voltage on pin VRLC is subtracted
instead.
V1
=
VIN - VVRLC
Eqn. 2
If VRLCDACPD = 1, VVRLC is an externally applied voltage on pin VRLC/VBIAS.
If VRLCDACPD = 0, VVRLC is the output from the internal RLC DAC.
VVRLC
=
(VRLCSTEP  RLC DAC[3:0]) + VRLCBOT
Eqn. 3
VRLCSTEP is the step size of the RLC DAC and VRLCBOT is the minimum output of the RLC DAC.
OFFSET DAC BLOCK: OFFSET (BLACK-LEVEL) ADJUST
The resultant signal V1 is added to the Offset DAC output.
V2
=
V1 + {255mV  (DAC[7:0]-127.5) } / 127.5
Eqn. 4
PGA NODE: GAIN ADJUST
The signal is then multiplied by the PGA gain.
V3
=
V2  (0.66 + PGA[8:0]x7.34/511)
Eqn. 5
ADC BLOCK: ANALOGUE-DIGITAL CONVERSION
The analogue signal is then converted to a 10-bit unsigned number, with input range configured by
PGAFS[1:0].
D1[9:0] = INT{ (V3 /VFS)  1023}
PGAFS[1:0] = 11
Eqn. 7
D1[9:0] = INT{ (V3 /VFS)  1023} + 1023
PGAFS[1:0] = 10
Eqn. 8
where the ADC full-scale range, VFS = 2V when LOWREFS=0 and VFS = 1.2V when LOWREFS=1.
OUTPUT INVERT BLOCK: POLARITY ADJUST
The polarity of the digital output may be inverted by control bit INVOP.
D2[9:0] = D1[9:0]
(INVOP = 0)
Eqn. 9
D2[9:0] = 1023 – D1[9:0]
(INVOP = 1)
Eqn. 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com