Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8215 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8215
Description  60MSPS 10-bit 3-Channel CCD Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8215 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8215 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
WM8215
Production Data
w
PD, Rev 4.3, September 2012
24
REGISTER MAP DESCRIPTION
The following table describes the function of each of the control bits shown in Table 5
ADDRESS
<A5:A0>
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
000001
(01h)
Setup Register
1
0
EN
1
Global Enable
0 = complete power down,
1 = fully active (individual blocks can be disabled using
individual powerdown bits – see setup register 5).
1
CDS
1
Select correlated double sampling mode:
0 = single ended mode,
1 = CDS mode.
2
MONO
0
Sampling mode select
0 = other mode (2 or 3-channel)
1 = Monochrome (1-channel) mode. Input channel
selected by CHAN[1:0] register bits, unused channel is
powered down.
TWOCHAN and MONO should not be set concurrently
3
TWOCHAN
0
Sampling mode select
0 = other mode (1 or 3-channel)
1 = 2-channel mode. Inputs channels are Red and Green,
Blue channel is powered down.
TWOCHAN and MONO should not be set concurrently
5:4
PGAFS[1:0]
00
Offsets PGA output to optimise the ADC range for different
polarity sensor output signals. Zero differential PGA input
signal gives:
0x = Invalid option. Either ‘10’ or ‘11’ must be set.
10 = Full-scale positive output (OP=1023) – use for
negative going video.
NB, Set INVOP=1 if zero differential input should
give a zero output code with negative going
video.
11 = Full-scale negative output (OP=0) - use for positive
going video
7:6
Not Used
00
Must be set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com