Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8311 Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 302 page
background image
Pre-Production
WM8311
w
PP, May 2012, Rev 3.1
65
Note that OTP_CMD_END_EINT is triggered during the normal start-up and shutdown operations,
when the WM8311 accesses the OTP and/or ICE memories. For typical applications, it is
recommended that the OTP_CMD_END_EINT interrupt should be masked at all times except when
performing user-initiated OTP/DBE commands.
ADDRESS
BIT
LABEL
DESCRIPTION
R16402
(4012h)
Interrupt Status
2
5
OTP_CMD_END_EINT
OTP / ICE Command End interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
4
OTP_ERR_EINT
OTP / ICE Command Fail interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16410
(401Ah)
Interrupt Status
2 Mask
5
IM_OTP_CMD_END_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
4
IM_OTP_ERR_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 28 OTP Memory Interrupts
14.6 DCRW MEMORY CONTENTS
The DCRW is the ICE/OTP Register Window, as described in Section 14.2. Under normal operating
conditions, this memory area is initialised with data from the integrated OTP or an external ICE
memory. The DCRW memory addresses range from R30720 (7800h) to R30759 (7827h). The
complete register map definition is described in Section 28.
The register fields in the DCRW allow the start-up configuration of the DC-DC Converters, the LDO
Regulators, GPIO pins 1-6 and Status LED outputs to be programmed. The DCRW also provides
control of the Battery Charger, Clocking, USB Current Limit and the Start-Up (SYSOK) voltage
threshold.
Most of the DCRW contents are duplicates of control registers that exist in the main register area
below the DCRW addresses. In theses cases, reading or writing to either address will have the same
effect.
Some register fields are defined only in the DCRW area; a detailed description of these fields is
provided in the following sub-sections.
14.6.1 DCRW PAGE 0
Page 0 of the DCRW occupies register addresses R30720 (7800h) to R30727 (7807h). This contains
factory-preset data which is loaded from OTP when an ‘ON’ state transition is scheduled.
Page 0 of the DCRW contains a 128-bit unique ID. Note that these fields are Read-Only in the OTP
and cannot be changed.
14.6.2 DCRW PAGE 1
Page 1 of the DCRW occupies register addresses R30728 (7808h) to R30735 (780Fh). This contains
factory-preset data which is loaded from OTP when an ‘ON’ state transition is scheduled.
Page 1 of the DCRW contains trim parameters that ensure the accuracy of the voltage references
and the power management RC oscillator. Note that these fields are Read-Only in the OTP and
cannot be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com