Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8311 Datasheet(PDF) 95 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 95 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 99Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 302 page
background image
Pre-Production
WM8311
w
PP, May 2012, Rev 3.1
95
15.15.2 DC-DC SYNCHRONOUS BUCK CONVERTERS
DC-DC Converters 1, 2 and 3 are synchronous buck converters which deliver high performance and
high efficiency across a wide variety of operating conditions.
The high switching frequency, together with the current mode architecture, delivers exceptional
transient performance suitable for supplying processor power domains and similar applications
requiring high stability through fast-changing load (or line) conditions.
The current mode architecture enables extended bandwidth of the control loop, allowing the DC-DC
converter to adapt for changes in input or output conditions more rapidly than can be achieved using
other feedback mechanisms. This improves the converter’s performance under transient load
conditions.
The flexible design of the DC-DC Converters allows a selection of different operating configurations,
which can be chosen according to the performance, efficiency, space or external component cost
requirements.
The DC-DC Converter design achieves high performance with a small inductor component. This is
highly advantageous in size-critical designs for portable applications. In the case of DC-DC1 and DC-
DC2, the switching frequency is selectable (2MHz or 4MHz). The higher frequency supports best
transient performance and the smallest external inductor, whilst the lower rate supports best power
efficiency. It should be noted that the supported output voltage range is restricted in the 4MHz mode;
for output voltages greater than 1.4V, the 2MHz mode must be used.
The DC-DC Converters are compatible with a range of external output capacitors. A larger capacitor
(eg. 47
F) will deliver best transient performance, whilst a smaller capacitor (eg. 4.7F) may be
preferred for size or cost reasons.
Four different operating modes can be selected, allowing the user to configure the converter
performance and efficiency according to different demands. This includes power-saving modes for
light load conditions and a high performance mode for best transient load performance. A low power
LDO Regulator mode is also provided. The DC-DC Converters maintain output voltage regulation
when switching between operating modes.
Forced Continuous Conduction Mode (FCCM)
This mode delivers the best load transient performance across the entire operating load range of the
converter. It also provides the best EMI characteristics due to the fixed, regular switching pattern.
For normal DC-DC buck converter operation, there is an inductor charging phase followed by a
discharging phase. Under light load conditions, the inductor current may be positive or negative
during this cycle. (Note that the load current corresponds to the average inductor current.) The
negative portion of the cycle corresponds to inefficient operation, as the output capacitor is
discharged unnecessarily by the converter circuit. Accordingly, this mode is not optimally efficient for
light load conditions.
This mode offers excellent performance under transient load conditions. It exceeds the performance
of the other operating modes in the event of a decreasing current demand or a decreasing voltage
selection. This is because FCCM mode can actively pull down the output voltage to the required level,
whilst other modes rely on the load to pull the converter voltage down under these conditions.
Another important benefit of this mode is that the switching pattern is fixed, regardless of load
conditions. This provides best compatibility with noise-sensitive circuits where the noise frequency
spectrum must be well-defined.
Although this mode is not optimally efficient for light loads, it delivers the best possible transient load
performance and fixed frequency switching. This mode should be selected when best performance is
required, delivering minimum output voltage ripple across all static or transient load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com