Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8311 Datasheet(PDF) 99 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 99 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 103Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 302 page
background image
Pre-Production
WM8311
w
PP, May 2012, Rev 3.1
99
Figure 21 DC-DC Boost Converter Connections
Note that the recommended output capacitor COUT varies according to the required output voltage.
The DC4_RANGE register field must be set according to the required output voltage.
See Section 30.4 for details of specific recommended external components.
15.16 LDO REGULATOR OPERATION
15.16.1 OVERVIEW
The WM8311 provides 7 LDO Regulators. One of these (LDO7) is a low-noise analogue LDO. One of
the LDO Regulators (LDO11) can be configured to be enabled even when the WM8311 is in the OFF
state. The principal characteristics of the LDO Regulators are shown below.
LDO1
LDO2, 3
LDO4, 5
LDO7
LDO11
Converter Type
General
Purpose
General
Purpose
General
Purpose
Analogue
General
Purpose
Input Voltage Range
1.5V to 5.5V (must be ≤ SYSVDD voltage)
1.71V to 5.5V
1.8V to 5.5V
Output Voltage Range
0.9V to 3.3V
0.9V to 3.3V
0.9V to 3.3V
1.0V to 3.5V
0.8V to 1.55V
Load Current Rating
Up to 300mA
Up to
200mA
Up to
100mA
Up to 200mA
Up to 25mA
Pass device
impedance @ 2.5V
1
1
2
1
n/a
Table 47 LDO Regulator Overview
15.16.2 LDO REGULATORS
The LDO Regulators are configurable circuits which generate accurate, low-noise supply voltages for
various system components. The LDO Regulators are dynamically programmable and can be re-
configured at any time. Two low power modes are provided for the general purpose LDOs 1-5; a
single low power mode is provided for the analogue LDO7; this enables the overall device power
consumption to be minimised at all times.
The LDOs (1-5, 7) can also operate as current-limited switches, with no voltage regulation; this is
useful for ‘Hot Swap’ outputs, i.e. supply rails for external devices that are plugged in when the
system is already powered up - the current-limiting function prevents the in-rush current into the
external device from disturbing other system power supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com