Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8311 Datasheet(PDF) 103 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 103 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 107Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 302 page
background image
Pre-Production
WM8311
w
PP, May 2012, Rev 3.1
103
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16462
(404Eh)
Current Sink 1
5:0
CS1_ISEL
00 0000
ISINK1 current.
Current = 2.0µA × 2^(CS1_ISEL/4),
where CS1_ISEL is an unsigned binary
number.
Alternatively,
CS1_ISEL = 13.29 x LOG(current/2.0µA)
00_0000 = 2.0µA
11_0111 = 27.6mA
Values greater than 11_0111 will result in
the maximum current of approx 27.6mA.
R16463
(404Fh)
Current Sink 2
5:0
CS2_ISEL
00 0000
ISINK2 current.
Current = 2.0µA × 2^(CS2_ISEL/4),
where CS2_ISEL is an unsigned binary
number.
Alternatively,
CS2_ISEL = 13.29 x LOG(current/2.0µA)
00_0000 = 2.0µA
11_0111 = 27.6mA
Values greater than 11_0111 will result in
the maximum current of approx 27.6mA.
Table 49 Controlling the Sink Current for ISINK1 and ISINK2
16.2.3 ON/OFF RAMP TIMING
When the Current Sinks output drive is enabled or disabled using CS1_DRIVE or CS2_DRIVE, the
current ramps up or down at a programmable rate. This can be used in order to switch the LEDs on or
off gradually. The ramp durations are programmed using the register bits defined in Table 50.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16462
(404Eh)
Current Sink 1
11:10
CS1_OFF_RA
MP
01
ISINK1 Switch-Off ramp
00 = instant (no ramp)
01 = 1 step every 4ms (220ms)
10 = 1 step every 8ms (440ms)
11 = 1 step every 16ms (880ms)
The time quoted in brackets is valid for
the maximum change in current drive
setting. The actual time scales
according to the extent of the change in
current drive setting.
9:8
CS1_ON_RAM
P
01
ISINK1 Switch-On ramp
00 = instant (no ramp)
01 = 1 step every 4ms (220ms)
10 = 1 step every 8ms (440ms)
11 = 1 step every 16ms (880ms)
The time quoted in brackets is valid for
the maximum change in current drive
setting. The actual time scales
according to the extent of the change in
current drive setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com