Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8311 Datasheet(PDF) 104 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 104 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 108Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 302 page
background image
WM8311
Pre-Production
w
PP, May 2012, Rev 3.1
104
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16463
(404Fh)
Current Sink 2
11:10
CS2_OFF_RA
MP
01
ISINK2 Switch-Off ramp
00 = instant (no ramp)
01 = 1 step every 4ms (220ms)
10 = 1 step every 8ms (440ms)
11 = 1 step every 16ms (880ms)
The time quoted in brackets is valid for
the maximum change in current drive
setting. The actual time scales
according to the extent of the change in
current drive setting.
9:8
CS2_ON_RAM
P
01
ISINK2 Switch-On ramp
00 = instant (no ramp)
01 = 1 step every 4ms (220ms)
10 = 1 step every 8ms (440ms)
11 = 1 step every 16ms (880ms)
The time quoted in brackets is valid for
the maximum change in current drive
setting. The actual time scales
according to the extent of the change in
current drive setting.
Table 50 Configuring On/Off Ramp Timing for ISINK1 and ISINK2
16.3 CURRENT SINK INTERRUPTS
The Current Sinks are associated with two Interrupt event flags, which indicate if the Current Sinks
are unable to sink the demanded current (eg. if the power source is too low or if the load is open
circuit). Each of these secondary interrupts triggers a primary Current Sink Interrupt, CS_INT (see
Section 23). This can be masked by setting the mask bit(s) as described in Table 51.
ADDRESS
BIT
LABEL
DESCRIPTION
R16402
(4012h)
Interrupt Status
2
7
CS2_EINT
Current Sink 2 interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
6
CS1_EINT
Current Sink 1 interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16410
(401Ah)
Interrupt Status
2 Mask
7
IM_CS2_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
6
IM_CS1_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 51 Current Sink Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com