Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8311 Datasheet(PDF) 108 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 108 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 112Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 302 page
background image
WM8311
Pre-Production
w
PP, May 2012, Rev 3.1
108
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16397
(400Dh)
System Status
10
PWR_SRC_BATT
0
Battery Power Source status
0 = Battery is not supplying current
1 = Battery is supplying current
9
PWR_WALL
0
Wall Adaptor status
0 = Wall Adaptor voltage not present
1 = Wall Adaptor voltage is present
8
PWR_USB
0
USB status
0 = USB voltage not present
1 = USB voltage is present
Table 52 Power Source Status Registers
17.2 BATTERY POWERED OPERATION
The WM8311 selects Battery power via BATTVDD when the battery voltage is higher than the
WALLVDD and USBVDD supply voltages. In practical usage, this means the Battery is used when
the Wall and USB supplies are both disconnected.
The battery will be used to supplement the USB or Wall Adaptor supplies when required.
If the WALLVDD or USBVDD supply becomes available during battery operation, then the selected
power source is adjusted accordingly.
When an external FET is provided between BATTVDD and SYSVDD, as described in Section 17.1,
the BATTFETENA
¯¯¯¯¯¯¯¯¯¯¯ pin functionality must be enabled by setting BATT_FET_ENA as described in
Table 53.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16390
(4006h)
Reset
Control
12
BATT_FET_ENA
0
Enables the FET gate functionality on
the BATTFETENA pin. (Note this pin
is Active Low.)
0 = Disabled
1 = Enabled
Note - this bit is reset to 0 when the
OFF power state is entered.
Table 53 Configuring the Battery Power Operation
17.3 WALL ADAPTOR POWERED OPERATION
The WM8311 selects Wall Adaptor power whenever this supply is within the normal operating limits of
4.3V to 5.5V and WALLVDD is higher than BATTVDD. The Wall adaptor power source is also
selected below 4.3V if USBVDD is less than 4.3V and WALLVDD is higher than BATTVDD.
Note that USBVDD supply is not used when WALLVDD is within its normal operating limits, even if
the USBVDD supply is higher than the WALLVDD supply.
When the WALLVDD supply is selected and a Battery is connected, then battery charging is possible
in the ON or SLEEP power states; see Section 17.7.
The drive strength of the Wall FET gate connection, WALLFETENA
¯¯¯¯¯¯¯¯¯¯¯¯, can be selected using the
WALL_FET_ENA_DRV_STR register bit as described in Table 54.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16390
(4006h)
Reset
Control
13
WALL_FET_ENA_D
RV_STR
0
Sets the drive strength of the
WALLFETENA pin. (Note this pin is
Active Low.)
0 = Weak drive (500kOhm)
1 = Strong drive (50kOhm)
Table 54 Configuring the Wall Adaptor Power Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com