Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8311 Datasheet(PDF) 112 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 112 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 116Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 302 page
background image
WM8311
Pre-Production
w
PP, May 2012, Rev 3.1
112
Figure 25 Typical Connections for WM8311 Battery Charger
The main battery terminal is connected to BATTVDD. The WM8311 also incorporates a battery
temperature monitoring circuit, which monitors the NTC thermistor that is typically incorporated within
a rechargeable battery pack. The NTCMON pin allows the charger to detect a hot or cold battery
condition that may be outside the battery’s usable operating conditions. Battery removal is also
detected using the NTCMON pin.
The bias resistor connected between NTCBIAS and NTCMON should be a 1% tolerance resistor with
a nominal value equal to the value of the battery’s NTC thermistor at 25
C.
The temperature monitoring circuit can be disabled by shorting NTCMON to LDO12VOUT. This is
only recommended if there is no NTC thermistor incorporated in the battery pack or if battery
temperature monitoring is provided by other methods. Note that the short between NTCMON and
LDO12VOUT is only sensed during start-up; the temperature monitoring circuit cannot be enabled /
disabled dynamically in the ON or SLEEP power states.
See Section 17.7.7 for more details of the battery temperature monitoring function.
A typical battery charge cycle is illustrated in Figure 26. This shows both the trickle charge and fast
charge processes.
The trickle charge mode is a constant current mode. The small charge current in this mode is suitable
for pre-conditioning a deeply discharged battery, or when only limited power is available for battery
charging. When the charger is enabled and the conditions for fast charging are not met, then trickle
charging is selected. (Note that fast charging is not permitted if the battery voltage is below the
defective battery threshold voltage.) Trickle charging is disabled when the charger enters the fast
charging stage, or when the charge current drops to a programmable ‘End of Charge’ threshold level
at the end of the constant voltage charge phase.
The fast charge mode is also a constant current mode, but higher charge currents are possible in this
mode. In the fast charge phase, the WM8311 drives a programmable constant current into the battery
through the BATTVDD pin. During this phase, the battery voltage rises until the battery reaches the
target voltage.
When the battery reaches the target voltage (through trickle charge and/or fast charge), the charger
enters the constant voltage charge phase, in which the WM8311 regulates BATTVDD to the target
voltage. During this phase of the charge process, the charge current decreases over time as the
battery approaches its fully charged state. Battery charging is terminated when the current falls to a
programmable ‘End of Charge’ threshold level at the end of the constant voltage charge phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com