Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8311 Datasheet(PDF) 111 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 111 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 115Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 302 page
background image
Pre-Production
WM8311
w
PP, May 2012, Rev 3.1
111
ADDRESS
BIT
LABEL
DESCRIPTION
14
IM_PPM_PWR_SRC_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
13
IM_PPM_USB_CURR_EIN
T
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 56 Power Path Management Interrupts
17.6 BACKUP POWER
As an option, a backup power source can be provided for the WM8311. This is provided using a coin
cell, super/gold capacitor, or else a standard capacitor, connected to the LDO12VOUT pin.
Note that a 22kΩ series resistor should also be connected to the backup power source.
The LDO12VOUT pin provides a constant-voltage output for charging the backup power source
whenever the SYSVDD power domain is available.
The purpose of the backup is to power the always-on functions such as the crystal oscillator, RTC and
ALARM control registers. The backup power also maintains a ‘software scratch’ memory area in the
register map - see Section 12.6. Maintaining these functions at all times provides system continuity
even when the main battery is removed and no other power supply is available.
The backup duration will vary depending upon the backup power source characteristics. A typical coin
cell can provide power to the WM8310 in BACKUP mode for a month or more whilst also
maintainingthe RTC and the ‘software scratch’ register.
If a standard capacitor is used as the backup power source, then it is particularly important to
minimise the device power consumption in the BACKUP state. A 22
F capacitor will maintain the
device settings for up to 5 minutes in ‘unclocked’ mode, where power consumption is minimised by
stopping the RTC in the BACKUP state. The RTC is unclocked in the BACKUP state if the
XTAL_BKUPENA register field is set to 0, as described in Section 20.5.
17.7 BATTERY CHARGER
17.7.1 GENERAL DESCRIPTION
The WM8311 incorporates a battery charger which is designed for charging single-cell lithium
batteries. The battery charger can operate from either the Wall or USB power sources. The battery
charger implements constant-current (CC) and constant-voltage (CV) charge methods, and can run
automatically without any intervention required by the host processor.
The battery charger voltage and current are programmable. Trickle charging and fast charging modes
are supported. In both modes, the SYSVDD voltage is monitored to ensure the power supply capacity
or USB current limit is not exceeded. If the SYSVDD voltage drops to 3.9V, (eg. if the USB current
limit has been reached), then the battery charge current is automatically reduced to try and prevent
further voltage drop at SYSVDD.
Under high operating load conditions, the battery may be required to supplement the USB or Wall
Adaptor power sources. Note that this capability is supported even when battery charging is enabled;
in this case, the battery provides power to the system when required, and the charger resumes when
sufficient current capacity is available.
Typical connections for the WM8311 battery charger are illustrated in Figure 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com