| Electronic Components Datasheet Search |
|
WM8352 Datasheet(PDF) 126 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8352 Datasheet(HTML) 126 Page - Wolfson Microelectronics plc |
|
126 / 336 page ![]() WM8352 Production Data w PD, February 2011, Rev 4.4 126 14.6 CONFIGURING THE DC-DC CONVERTERS The configuration of the DC-DC converters is described in the following sections. Some of the control fields form part of the Custom Mode configuration settings and therefore will not require to be set in software in some applications. 14.6.1 DC-DC CONVERTER ENABLE The DC-DC Converters can be enabled in software using the register fields defined in Table 71. All DC-DC converters include a soft-start feature that helps to reduce the inductor current at start up. In order to further reduce supply in-rush current, individual converters should be programmed to start in different time slots within the start-up sequence. In the WM8352 ACTIVE state, the DC-DC Converters can be enabled in software using the DCn_ENA bits. Setting these bits whilst in the Pre-Active state (see Figure 65) will not immediately enable the corresponding DC-DC converter; these bits will only become effective once the WM8352 has reached the ACTIVE state. Each Converter may be programmed to switch on in a selected timeslot within the start-up sequence. The WM8352 will set the DCn_ENA field for any DC-DC converter that is enabled during the start-up sequence. Note that setting the DCn_ENSLOT fields in software is only relevant to the Development Mode, as these fields are assigned preset values in each of the Custom Modes. Each Converter may be programmed to switch off in a selected timeslot within the shutdown sequence. If a Converter is not allocated to one of the 14 shutdown timeslots, it will be disabled when the WM8352 enters the OFF state. ADDRESS BIT LABEL DEFAULT DESCRIPTION R13 (0Dh) or R176 (B0h) 0,1,2,3 ,4,5 DCn_ENA Dependant on CONFIG settings DCDCn converter enable 0 = disabled 1 = enabled Note: internal conditions may prevent the converter from actually switching on - see DCDC/LDO Status register for actual converter status. Note: These bits can be accessed through R13 or through R176. Reading from or writing to either register location has the same effect. R181 (B5h) for DC-DC1 R184 (B8h) for DC-DC2 R187 (BBh) for DC-DC3 R190 (BEh) for DC-DC4 R193 (C1h) for DC-DC5 R196 (C4h) for DC-DC6 13:10 DCn_ENSLO T [3:0] Dependant on CONFIG settings Time slot for DC-DCn start-up 0000 = Disabled (do not start up) 0001 = Start-up in time slot 1 … (total 14 slots available) 1110 = Start-up in time slot 14 1111 = Start up on entering ACTIVE 9:6 DCn_SDSLO T [3:0] 0000 Time slot for DC-DCn shutdown. 0000 = Shut down on entering OFF 0001 = Shutdown in time slot 1 …. (total 14 slots available) 1110 = Shutdown in time slot 14 1111 = Shut down on entering OFF Note: n is number between 1 and 6 that identifies the individual DC-DC converter Table 71 Enabling and Disabling the DC-DC Converters |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |