Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8352 Datasheet(PDF) 127 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 127 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 131Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
127
14.6.2
CLOCKING
The DC-DC converters are controlled by an internally generated clock signal from the RC Oscillator
with a constant frequency of around 2.0MHz for DC-DC 1, 3, 4 and 6, and a constant frequency of
around 1.0MHz for DC-DC 2 and 5.
14.6.3
DC-DC BUCK (STEP-DOWN) CONVERTER CONTROL
DC-DC Converters 1, 3, 4 and 6 are buck converters which can be configured to operate in different
operating modes using the register bits described in Table 72.
In Active mode, the DC-DC Converters operate to their highest level of performance. The DC-DC
Converters will automatically select PWM or Pulse-Skipping operation according to the load
condition. This enables the power efficiency to be maximised across a wide range of load conditions.
It is possible to force the Converters to use the higher performance PWM mode; in this mode, pulse-
skipping is disabled and the output voltage is regulated by switching at a constant frequency which
improves the transient response at light loads.
In Standby/Hysteretic Mode, the DC-DC Converters disable some of the internal control circuitry in
order to reduce power consumption. The load regulation may be degraded in this mode of operation.
The efficiency data in Section 9.2.1 shows the conditions under which Standby Mode can offer better
efficiency than Active Mode.
In LDO Mode, the DC-DC Converters are reconfigured as low power LDOs.
When DCn_SLEEP = 0, the corresponding DCn_ACTIVE register bit selects between Active and
Standby/Hysteretic modes for the associated DC-DC converter.
The DCn_SLEEP register bits control the selection of LDO Mode. Setting DCn_SLEEP = 1 selects
LDO Mode. This bit takes precedence over the corresponding DCn_ACTIVE bit.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R177 (B1h)
DC-DC Active
Options
0
DC1_ACTIVE
1
DC-DCn Active mode
0 = Select Standby mode
1 = Select Active mode
2
DC3_ACTIVE
1
3
DC4_ACTIVE
1
5
DC6_ACTIVE
1
R178 (B2h)
DC-DC Sleep
Options
0
DC1_SLEEP
0
DC-DCn Sleep Mode
0 = Normal DC-DC operation
1 = Select LDO mode
2
DC3_SLEEP
0
3
DC4_SLEEP
0
5
DC6_SLEEP
0
Note: n is either 1, 3, 4 or 6 and identifies the individual DC-DC converter
R248 (F8h)
DCDC1 Test
Controls
4
DC1_FORCE_
PWM
0
Force DC-DC1 PWM mode
0 = Normal DC-DC operation
1 = Force DC-DC PWM mode
R250 (FAh)
DCDC3 Test
Controls
4
DC3_FORCE_
PWM
0
Force DC-DC3 PWM mode
0 = Normal DC-DC operation
1 = Force DC-DC PWM mode
R251 (FBh)
DCDC4 Test
Controls
4
DC4_FORCE_
PWM
0
Force DC-DC4 PWM mode
0 = Normal DC-DC operation
1 = Force DC-DC PWM mode
R253 (FDh)
DCDC4 Test
Controls
4
DC6_FORCE_
PWM
0
Force DC-DC6 PWM mode
0 = Normal DC-DC operation
1 = Force DC-DC PWM mode
Table 72 Operating Mode Control for DC-DC Converters 1, 3, 4 and 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com